Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBT-0140W Datasheet(PDF) 2 Page - Kemet Corporation

Part No. SBT-0140W
Description  Common Mode for Signal Line, Through-Hole Type, SBT-01W Series
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

SBT-0140W Datasheet(HTML) 2 Page - Kemet Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
LF0065_SBT-01W • 10/10/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
DC Line Filters – Common Mode for Signal Line, Through-Hole Type, SBT-01W Series
Dimensions – Millimeters
Part Number
Dimensions - Millimeters
Circuit Diagram - Millimeters
SBT-01W
Environmental Compliance
All KEMET DC Line Filters are RoHS Compliant.
Performance Characteristics
Item
Performance Characteristics
Rated Voltage
50 VDC
Withstanding Voltage
200 VDC (1 minute, between lines)
Insulation Resistance
>10MΩ@100VDC(betweenlines)
Rated Current Range
500 mA
Rated Inductance Range
5 – 80 µH
Inductance Tolerance
±35% (except 5 µH: minimum)
Inductance Measurement Condition
1 kHz, 70 mA
Rated DC Resistance Range
30–55mΩmaximum
Operating Temperature Range
−25°Cto+70°C(notincludingself-temperaturerise)


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn