Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBT-0140W Datasheet(PDF) 1 Page - Kemet Corporation

Part No. SBT-0140W
Description  Common Mode for Signal Line, Through-Hole Type, SBT-01W Series
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

SBT-0140W Datasheet(HTML) 1 Page - Kemet Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
LF0065_SBT-01W • 10/10/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
One world. One KEMET
Benefits
• Proprietary Nickel-Zinc (Ni-Zn) ferrite core
• Withstanding voltage: 200 VDC (one minute,
between lines)
• Insulationresistance:morethan10MΩ(100VDC,
between lines)
• Operatingtemperaturerangefrom−25°Cto+70°C
• RoHS Compliant
Overview
The KEMET SBT-01W coils are common mode chokes
with a wide variety of characteristics. These through-hole
toroidal coils are designed with our proprietary ferrite
cores and are suitable for noise countermeasure in DC
signal line circuit.
Applications
• Audio-visual equipment
• Officeautomationequipment
• Digital appliances
• Home appliances
• Power supplies
DC Line Filters
Common Mode for Signal Line,
Through-Hole Type, SBT-01W Series
Part Number System
SBT-01
40W
Series
Inductance Code (µH)
SBT-01
15W = 5 µH
40W = 40 µH
60W = 60 µH
80W = 80 µH


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn