Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1906 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1906
Description  Li Battery-Pack Protector with Integrated Fuse Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1906 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1906 Datasheet HTML 6Page - Maxim Integrated Products MAX1906 Datasheet HTML 7Page - Maxim Integrated Products MAX1906 Datasheet HTML 8Page - Maxim Integrated Products MAX1906 Datasheet HTML 9Page - Maxim Integrated Products MAX1906 Datasheet HTML 10Page - Maxim Integrated Products MAX1906 Datasheet HTML 11Page - Maxim Integrated Products MAX1906 Datasheet HTML 12Page - Maxim Integrated Products MAX1906 Datasheet HTML 13Page - Maxim Integrated Products MAX1906 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Design Procedure
Fuse Drive Options
The MAX1906 supports two methods for blowing the
external protection fuse: the internal SCR can be directly
connected to the fuse’s heater terminal or an external
MOSFET can be used to drive the heater. The design
procedure for both methods requires matching the drive
capabilities in the SCR or the MOSFET with the dissipa-
tion required to blow the fuse.
The SCR configuration is simple, low cost, and does not
require external components. The circuit in Figure 1 is
appropriate for fuses that require heater currents up to
2A. Since the voltage drop across the SCR can be up to
2V, care must be taken not to exceed the device’s power
ratings. When greater than 1in2 of copper plane is avail-
able to conduct heat away from the MAX1906, it can dis-
sipate 1.6A at typically 1.7V indefinitely. When smaller
copper planes are used, the time to clear the fuse must
be less than the time for the MAX1906 to exceed its
absolute maximum thermal ratings.
The transient thermal characteristics for the MAX1906
are shown in the Typical Operating Characteristics.
Since the thermal resistance varies inversely with the
area of the copper plane attached to the device, the time
to reach thermal limit also varies with copper area.
External MOSFETs should be used with the MAX1906
when the heater current must be greater than 2.0A.
MOSFETs with the required thermal characteristics are
available from multiple manufacturers (see Table 1).
Figure 2 shows the typical application circuit using an
external MOSFET.
Protection Fuse Selection
Protection fuse characteristics can vary considerably
from manufacturer to manufacturer. Always review the
data sheet carefully when selecting the protection fuse.
Table 2 lists the contact information for manufacturers
of compatible fuses.
There are two methods for opening the protection fuse.
The fuse can be blown through the heater or by too
much dissipation along the high-current path. The fuse
must be selected to accommodate the required operat-
ing current without placing stress on the fuse. Once the
nominal current-handling characteristics of the fuse are
set, determine the amount of drive current and the time
required to blow the fuse through the heater terminal.
These quantities are also listed in the fuse manufactur-
er’s data sheet.
The fuse blows when sufficient power is dissipated in the
heater resistor to melt the fuse’s internal solder joints:
VBATT_OV is the battery-pack voltage in the overvoltage
condition, which is typically 4.45V per cell. VSWITCH is
the voltage drop on the internal SCR or an external MOS-
FET. RHEATER is the resistance of the heater resistor.
The time required to blow the protection fuse, or clear-
ing time, depends upon the power dissipation in the
heater resistor and the ambient temperature. Fuse man-
ufacturers typically provide a curve of clearing time vs.
voltage, and the clearing time vs. ambient temperature.
The greater the power dissipation in the heater resistor,
the quicker the fuse blows. Clearing time is also inverse-
ly proportional to ambient temperature. The heater resis-
tance for different operating current specifications can
range from a few ohms to a few hundred ohms. The
resistance should be selected based on the acceptable
clearing time and operating temperature range.
For a battery pack requiring 4A of operating current, a
fuse with a 5A nominal current rating is appropriate. An
SFD-145B device made by Sony Chemical Corp. is
selected, which has a 22
Ω fusible resistor. Based on
safety considerations, the clearing time should be no
more than 1s or 2s. This is commensurate with the
delay time required to detect the fault condition. The
power dissipated in the SCR when the fuse is blown is
approximately 1.3V 0.75A or 1W. To ensure that the
junction temperature in the MAX1906 never exceeds
150°C at 60°C ambient temperature, the required ther-
mal resistance must be:
where RθJC is the thermal impedance from junction to
case, and RθCA is the thermal impedance from case to
ambient. RθJC is fixed, and is about 5°C/W for the 16-lead
5mm 5mm QFN package. RθCA varies with copper
area, and is shown in the Typical Operating
Characteristics. Even though a combined thermal resis-
tance of 90°C/W is achievable with less than 0.04in2 of
copper area, it is advisable to include some margin to
reduce the rise in device temperature. Using 0.25in2 cop-
per area is conservative, and is available in most designs.
RR
T
T
Pd
CC
W
CW
CA
JC
MAX
A
θθ
+<
() ( )
°
-
-
/
() / (
)
/
150
60
1
90
PV
I
VV
R
HEATER
HEATER
HEATER
BATT OV
SWITCH
HEATER
=
()
_
2
Li+ Battery-Pack Protector with
Integrated Fuse Driver
______________________________________________________________________________________
11


Similar Part No. - MAX1906

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX19000 MAXIM-MAX19000 Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT MAXIM-MAX19000EVKIT Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT++ MAXIM-MAX19000EVKIT+ Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19005 MAXIM-MAX19005 Datasheet
2Mb / 25P
   Quad, Ultra-Low-Power, 200Mbps ATE Drivers/Comparators
19-6092; Rev 0; 12/11
More results

Similar Description - MAX1906

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5421N111C RICOH-R5421N111C Datasheet
147Kb / 19P
   Li-lon BATTERY PROTECTOR
RN5VM111C RICOH-RN5VM111C Datasheet
180Kb / 25P
   Li-lon BATTERY PROTECTOR
logo
Taiwan Memory Technolog...
T63H0006B TMT-T63H0006B Datasheet
52Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Semiconductor Co...
TS2208 TSC-TS2208 Datasheet
107Kb / 6P
   Li-Ion Battery Protector
logo
List of Unclassifed Man...
RT9541 ETC-RT9541 Datasheet
194Kb / 8P
   LI LON BATTERY PROTECTOR
SC451XX ETC-SC451XX Datasheet
209Kb / 13P
   LI-ION BATTERY PROTECTOR
logo
RICOH electronics devic...
R5422N111C RICOH-R5422N111C Datasheet
85Kb / 9P
   Li-lon BATTERY PROTECTOR?
logo
Taiwan Semiconductor Co...
TS2207 TSC-TS2207 Datasheet
152Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Memory Technolog...
T63H0001A TMT-T63H0001A Datasheet
55Kb / 7P
   Li-Ion Battery Protector
logo
Maxim Integrated Produc...
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
   Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com