Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM27V3255CZ Datasheet(PDF) 2 Page - OKI electronic componets

Part No. MSM27V3255CZ
Description  1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM27V3255CZ Datasheet(HTML) 2 Page - OKI electronic componets

  MSM27V3255CZ Datasheet HTML 1Page - OKI electronic componets MSM27V3255CZ Datasheet HTML 2Page - OKI electronic componets MSM27V3255CZ Datasheet HTML 3Page - OKI electronic componets MSM27V3255CZ Datasheet HTML 4Page - OKI electronic componets MSM27V3255CZ Datasheet HTML 5Page - OKI electronic componets MSM27V3255CZ Datasheet HTML 6Page - OKI electronic componets MSM27V3255CZ Datasheet HTML 7Page - OKI electronic componets MSM27V3255CZ Datasheet HTML 8Page - OKI electronic componets MSM27V3255CZ Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
PIN CONFIGURATION (TOP VIEW)
MSM27V3255CZ
PIN NAMES
FUNCTIONS
D31/A-1
Data output / Address input
A0 - A19
Address input
D0 - D30
Data output
CE
OE
Output enable
VCC
Power supply voltage
WORD
Mode switch
Chip enable
VSS
GND
56
A3
D28
D12
D11
D26
D10
VSS
VCC
D25
D24
D8
VCC
A19
A18
A17
A16
A15
A14
A13
D27
55
54
53
4
5
6
7
52
51
50
49
8
9
10
11
48
47
46
45
12
13
14
15
44
43
42
41
16
17
18
19
40
39
38
37
20
21
22
23
36
24
D13
A4
A5
D0
D16
D1
D17
VSS
VCC
D2
D18
D3
D19
D4
D20
D5
D21
VSS
VCC
D6
59
A0
VCC
58
1
2
VSS
A1
A2
57
3
70-pin SSOP
D29
60 D14
61 D30
62 D15
63 D31/A-1
64 VSS
65 CE
66 OE
67 WORD
68 NC
69 NC
70 VPP
25
D22
26
D7
27
D23
28
VSS
29
A6
30
A7
31
A8
32
A9
33
A10
34
A11
35
A12
NC
Non connection
VPP
Program power supply voltage
VCC
D9


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM27C3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3255D1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C1655CZ524 288-Double Word x 32-Bit or 1 048 576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27V1655CZ524 288-Double Word x 32-Bit or 1 048 576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V1652D1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C1652CZ1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C3252CZ2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3252D2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V1652E1 048 576 - Word x 16-Bit or 2 097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V852E524 288 Word X 16 - Bit or 1 048 576 - Word X 8 - Bit 8 - Word x 16-Bit or 16 - Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn