Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M45PE10-VMN6T Datasheet(PDF) 26 Page - STMicroelectronics

Part # M45PE10-VMN6T
Description  1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE10-VMN6T Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M45PE10-VMN6T Datasheet HTML 22Page - STMicroelectronics M45PE10-VMN6T Datasheet HTML 23Page - STMicroelectronics M45PE10-VMN6T Datasheet HTML 24Page - STMicroelectronics M45PE10-VMN6T Datasheet HTML 25Page - STMicroelectronics M45PE10-VMN6T Datasheet HTML 26Page - STMicroelectronics M45PE10-VMN6T Datasheet HTML 27Page - STMicroelectronics M45PE10-VMN6T Datasheet HTML 28Page - STMicroelectronics M45PE10-VMN6T Datasheet HTML 29Page - STMicroelectronics M45PE10-VMN6T Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
M45PE10
26/34
Table 12. AC Characteristics (25MHz operation)
Note: 1. tCH + tCL must be greater than or equal to 1/ fC(max)
2. Value guaranteed by characterization, not 100% tested in production.
3. When using PP and PW instructions to update consecutive Bytes, optimized timings are obtained with one sequence including all
the Bytes versus several sequences of only a few Bytes. (1
≤n ≤256)
Test conditions specified in Table 8. and Table 9.
Symbol
Alt.
Parameter
Min.
Typ.
Max.
Unit
fC
fC
Clock Frequency for the following
instructions: FAST_READ, PW, PP, PE,
SE, DP, RDP, WREN, WRDI, RDSR
D.C.
25
MHz
fR
Clock Frequency for READ instructions
D.C.
20
MHz
tCH
1
tCLH
Clock High Time
18
ns
tCL
1
tCLL
Clock Low Time
18
ns
Clock Slew Rate 2 (peak to peak)
0.03
V/ns
tSLCH
tCSS
S Active Setup Time (relative to C)
10
ns
tCHSL
S Not Active Hold Time (relative to C)
10
ns
tDVCH
tDSU
Data In Setup Time
5
ns
tCHDX
tDH
Data In Hold Time
5
ns
tCHSH
S Active Hold Time (relative to C)
10
ns
tSHCH
S Not Active Setup Time (relative to C)
10
ns
tSHSL
tCSH
S Deselect Time
200
ns
tSHQZ
2
tDIS
Output Disable Time
15
ns
tCLQV
tV
Clock Low to Output Valid
15
ns
tCLQX
tHO
Output Hold Time
0
ns
tRLRH
2
tRST
Reset Pulse Width
10
µs
tRHSL
tREC
Reset Recovery Time
3
µs
tSHRH
Chip should have been deselected
before Reset is de-asserted
10
ns
tWHSL
Write Protect Setup Time
50
ns
tSHWL
Write Protect Hold Time
100
ns
tDP
2
S to Deep Power-down
3
µs
tRDP
2
S High to Standby Power mode
30
µs
tPW
(3)
Page Write Cycle Time (256 Bytes)
11
25
ms
Page Write Cycle Time (n Bytes)
10.2+
n*0.8/256
tPP
(3)
Page Program Cycle Time (256 Bytes)
1.2
5ms
Page Program Cycle Time (n Bytes)
0.4+
n*0.8/256
tPE
Page Erase Cycle Time
10
20
ms
tSE
Sector Erase Cycle Time
1
5
s


Similar Part No. - M45PE10-VMN6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M45PE10-VMN6TG STMICROELECTRONICS-M45PE10-VMN6TG Datasheet
355Kb / 45P
   1 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
logo
Numonyx B.V
M45PE10-VMN6TG NUMONYX-M45PE10-VMN6TG Datasheet
990Kb / 47P
   1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
logo
STMicroelectronics
M45PE10-VMN6TP STMICROELECTRONICS-M45PE10-VMN6TP Datasheet
355Kb / 45P
   1 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
logo
Numonyx B.V
M45PE10-VMN6TP NUMONYX-M45PE10-VMN6TP Datasheet
990Kb / 47P
   1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
More results

Similar Description - M45PE10-VMN6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M45PE20 STMICROELECTRONICS-M45PE20 Datasheet
427Kb / 35P
   2 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
M45PE80 STMICROELECTRONICS-M45PE80 Datasheet
472Kb / 36P
   8 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
logo
Numonyx B.V
M45PE10 NUMONYX-M45PE10 Datasheet
990Kb / 47P
   1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
logo
STMicroelectronics
M45PE10-07 STMICROELECTRONICS-M45PE10-07 Datasheet
355Kb / 45P
   1 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
M45PE40 STMICROELECTRONICS-M45PE40 Datasheet
536Kb / 35P
   4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
M45PE80 STMICROELECTRONICS-M45PE80_06 Datasheet
373Kb / 47P
   8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE16 STMICROELECTRONICS-M45PE16 Datasheet
396Kb / 45P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
logo
Numonyx B.V
M45PE40 NUMONYX-M45PE40 Datasheet
886Kb / 46P
   4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
M45PE16 NUMONYX-M45PE16 Datasheet
856Kb / 45P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE80 NUMONYX-M45PE80 Datasheet
911Kb / 47P
   8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com