Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1522 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # LH1522
Description  Device is not Implied at these or any Other conditions in Excess
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LH1522 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  LH1522 Datasheet HTML 1Page - Siemens Semiconductor Group LH1522 Datasheet HTML 2Page - Siemens Semiconductor Group LH1522 Datasheet HTML 3Page - Siemens Semiconductor Group LH1522 Datasheet HTML 4Page - Siemens Semiconductor Group LH1522 Datasheet HTML 5Page - Siemens Semiconductor Group LH1522 Datasheet HTML 6Page - Siemens Semiconductor Group LH1522 Datasheet HTML 7Page - Siemens Semiconductor Group LH1522 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
A. Variation in ON-Resistance vs. LED Current
C. Switch Capacitance vs. Applied Voltage (LH1544)
E. Insertion Loss vs. Frequency (LH1544)
B. Switch Capacitance vs. Applied Voltage
D. Insertion Loss vs. Frequency
F. Output Isolation
0
1.5
0.5
–0.5
1.0
0
48
12
LED FORWARD CURRENT (mA)
16
20
A, C, D
B
A
B, C
D
IL = 50 mA
LH1520, LH1531,
LH1532
LH1524
A –
B –
C –
D –
LH1522
LH1505
A – LH1520,
LH1531,
LH1532
B – LH1524
C –LH1522
010
20
APPLIED VOLTAGE (V)
6.0
5.0
0.0
30
4.0
100
40
3.0
2.0
1.0
50
60
70
80
90
IF = 0 mA
TA = 25
°C
f = 1 MHz
FREQUENCY (Hz)
2.00
0
1.75
1.50
1.00
0.25
102
103
104
105
1.25
0.75
0.50
RL = 600
0
80
60
50
0
40
30
20
10
70
20
40
APPLIED VOLTAGE (V)
60
100
80
A
B
IF = 0 mA
TA = 25
°C
f = 1 MHz
LH1522
LH1505, LH1520,
LH1531, LH1532
A –
B –
A –LH1522
B –LH1505, LH1520, LH1531, LH1532
FREQUENCY (Hz)
0.30
0
0.25
0.20
0.10
0.05
10 2
10 3
10 4
10 5
0.15
B
A –
B –
C –
LH1520, LH1531, LH1532
LH1505
LH1522
A
RL = 600
C
A –LH1520, LH1531, LH1532
B –LH1505
C –LH1522
FREQUENCY (Hz)
100
80
60
40
20
0
A
B
VP = 10 V
RL = 50
102
103
104
105
106
107
A –
B –
LH1524, LH1544
LH1505, LH1520,
LH1522, LH1531,
LH1532
A – LH1524, LH1544
B – LH1505, LH1520,
LH1522, LH1531,
LH1532
LH1531, LH1532, LH1544


Similar Part No. - LH1522

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1522 VISHAY-LH1522 Datasheet
387Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1522AAC VISHAY-LH1522AAC Datasheet
387Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1522AAC VISHAY-LH1522AAC Datasheet
168Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
LH1522AAC VISHAY-LH1522AAC Datasheet
208Kb / 10P
   Dual 1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1522AAC VISHAY-LH1522AAC Datasheet
209Kb / 10P
   nullDual 1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
More results

Similar Description - LH1522

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DYNAPCN10-20 ETC2-DYNAPCN10-20 Datasheet
398Kb / 3P
   Autonomous Counting Device High Accuracy Under Any Light Conditions
logo
Suntan Capacitors
1N4148WS SUNTAN-1N4148WS Datasheet
165Kb / 3P
   These diodes are also available in other case
1N4148W SUNTAN-1N4148W Datasheet
213Kb / 3P
   These diodes are also available in other case
logo
Toshiba Semiconductor
DF10G5M4N TOSHIBA-DF10G5M4N Datasheet
836Kb / 8P
   This product is designed for protection against electrostatic discharge and is not intended for any other purpose, including, but not limited to, voltage regulation.
DF2B6M4SL TOSHIBA-DF2B6M4SL Datasheet
717Kb / 8P
   This product is designed for protection against electrostatic discharge and is not intended for any other purpose, including, but not limited to, voltage regulation.
DF10G6M4N TOSHIBA-DF10G6M4N Datasheet
789Kb / 8P
   This product is designed for protection against electrostatic discharge and is not intended for any other purpose, including, but not limited to, voltage regulation.
logo
Samsung semiconductor
LTI460HN09 SAMSUNG-LTI460HN09 Datasheet
1Mb / 32P
   Any modification of Spec is not allowed without SDC?셲 permission.
logo
Tyco Electronics
408-4354 MACOM-408-4354 Datasheet
244Kb / 5P
   Read these instructions thoroughly before crimping any contacts
logo
Vishay Siliconix
VS-HFA06TB120SPBF VISHAY-VS-HFA06TB120SPBF Datasheet
167Kb / 8P
   Specified at operating conditions
Revision: 26-Feb-16
logo
Shanghai Leiditech Elec...
HL60-002 LEIDITECH-HL60-002 Datasheet
637Kb / 2P
   Holding Current: maximum current at which the device will not trip in 25
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com