Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT6220 Datasheet(PDF) 1 Page - Linear Technology

Part No. LT6220
Description  Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LT6220 Datasheet(HTML) 1 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT6220/LT6221/LT6222
1
sn622012 622012fs
+
IPD
PHOTODIODE
~4pF
VS+
VS+
VS+
VS
VS
LT6220
100k
3.24k
33k
10k
1pF
30pF
LT1634-1.25
VOUT
VS = ±1.5V TO ±5V
622012 TA01
Low Voltage, High Frequency Signal Processing
Driving A/D Converters
Rail-to-Rail Buffer Amplifiers
Active Filters
Video Amplifiers
Fast Current Sensing Amplifiers
Gain Bandwidth Product: 60MHz
Input Common Mode Range Includes Both Rails
Output Swings Rail-to-Rail
Low Quiescent Current: 1mA Max
Input Offset Voltage: 350µ
µ
µ
µ
µV Max
Input Bias Current: 150nA Max
Wide Supply Range: 2.2V to 12.6V
Large Output Current: 50mA Typ
Low Voltage Noise: 10nV√Hz Typ
Slew Rate: 20V/µs Typ
Common Mode Rejection: 102dB Typ
Power Supply Rejection: 105dB Typ
Open-Loop Gain: 100V/mV Typ
Operating Temperature Range: – 40°C to 85°C
Single in the 8-Pin SO and 5-Pin Low Profile
(1mm) ThinSOT
TM Packages
Dual in the 8-Pin SO and (3mm x 3mm) DFN
Packages
Quad in the 16-Pin SSOP Package
Single/Dual/Quad 60MHz,
20V/µs, Low Power, Rail-to-Rail Input
and Output Precision Op Amps
The LT
®6220/LT6221/LT6222 are single/dual/quad, low
power, high speed rail-to-rail input and output operational
amplifiers with excellent DC performance. The LT6220/
LT6221/LT6222 feature reduced supply current, lower
input offset voltage, lower input bias current and higher
DC gain than other devices with comparable bandwidth.
Typically, the LT6220/LT6221/LT6222 have an input off-
set voltage of less than 100µV, an input bias current of less
than 15nA and an open-loop gain of 100V/mV. The parts
have an input range that includes both supply rails and an
output that swings within 10mV of either supply rail to maxi-
mize the signal dynamic range in low supply applications.
The LT6220/LT6221/LT6222 maintain performance for
supplies from 2.2V to 12.6V and are specified at 3V, 5V
and ±5V supplies. The inputs can be driven beyond the
supplies without damage or phase reversal of the output.
The LT6220 is housed in the 8-pin SO package with the
standard op amp pinout as well as the 5-pin SOT-23
package. The LT6221 is available in 8-pin SO and DFN
(3mm × 3mm low profile dual fine pitch leadless) pack-
ages with the standard op amp pinout. The LT6222 fea-
tures the standard quad op amp configuration and is
available in the 16-Pin SSOP package. The LT6220/ LT6221/
LT6222 can be used as plug-in replacements for many op
amps to improve input/output range and performance.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Stepped-Gain Photodiode Amplifier
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
ThinSOT is a trademark of Linear Technology Corporation.
VOS Distribution, VCM = 0V
(S8, PNP Stage)
INPUT OFFSET VOLTAGE (µV)
–250
30
40
50
150
622012 G01
20
10
25
35
45
15
5
0
–150
–50
0
50
250
VS = 5V, 0V
VCM = 0V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn