Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L796BSRD Datasheet(PDF) 3 Page - Kingbright Corporation

Part # L796BSRD
Description  The High Efficiency Red Source Color Devices
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L796BSRD Datasheet(HTML) 3 Page - Kingbright Corporation

  L796BSRD Datasheet HTML 1Page - Kingbright Corporation L796BSRD Datasheet HTML 2Page - Kingbright Corporation L796BSRD Datasheet HTML 3Page - Kingbright Corporation L796BSRD Datasheet HTML 4Page - Kingbright Corporation L796BSRD Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: CDA0807
REV NO: V.1
DATE: NOV/18/2001
PAGE: 3 OF 5
APPROVED: J.LU
CHECKED:
DRAWN: Y.F.XU
Absolute Maximum Ratings at T)=25°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
h
g
i
Hh
g
i
H h
g
i
H h
g
i
Hh
g
i
H
y
c
n
e
i
c
if
f
E
d
e
R
n
e
e
r
Gn
e
e
r
G
n
e
e
r
G
n
e
e
r
Gn
e
e
r
Gw
o
ll
e
Yw
o
ll
e
Y
w
o
ll
e
Y
w
o
ll
e
Yw
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
St
h
g
ir
B
r
e
p
u
S
t
h
g
ir
B
r
e
p
u
S
t
h
g
ir
B
r
e
p
u
St
h
g
ir
B
r
e
p
u
S
d
e
R
s
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P0
1
30
1
30
1
30
1
3
W
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
C
D5
55
55
55
5
A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R5
.
05
.
05
.
05
.
0
V
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
0
4
- °
+
o
T
C
0
7 °C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
0
5
- °
+
o
T
C
0
0
1 °C
]
1
[
e
r
u
t
a
r
e
p
m
e
T
g
n
ir
e
d
l
o
S
d
a
e
L0
6
2 °C
s
d
n
o
c
e
S
5
r
o
F
High Efficiency Red L796BID


Similar Part No. - L796BSRD

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
L79 VCC-L79 Datasheet
590Kb / 2P
   LED Indicator lights mounting hole
logo
STMicroelectronics
L79 STMICROELECTRONICS-L79 Datasheet
652Kb / 28P
   Negative voltage regulators
June 2014 Rev 22
L7900 STMICROELECTRONICS-L7900 Datasheet
445Kb / 13P
   NEGATIVE VOLTAGE REGULATORS
L7900AC STMICROELECTRONICS-L7900AC Datasheet
93Kb / 11P
   2% NEGATIVE VOLTAGE REGULATORS
L7900AC STMICROELECTRONICS-L7900AC Datasheet
352Kb / 13P
   2% NEGATIVE VOLTAGE REGULATORS
More results

Similar Description - L796BSRD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TA40-11EWA KINGBRIGHT-TA40-11EWA Datasheet
231Kb / 6P
   The High Efficiency Red Source color Devices
KB-H100SRW KINGBRIGHT-KB-H100SRW Datasheet
69Kb / 3P
   The Super Bright Red source color devices
L1553HDT KINGBRIGHT-L1553HDT Datasheet
178Kb / 6P
   The Bright Red Source Color Devices are made with Gallium Phosphide Red Light Emitting Diode
WP710A10ID5V KINGBRIGHT-WP710A10ID5V Datasheet
309Kb / 7P
   The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
WP7113ID5V KINGBRIGHT-WP7113ID5V_13 Datasheet
312Kb / 7P
   The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
PSA08-11EWA KINGBRIGHT-PSA08-11EWA Datasheet
73Kb / 3P
   The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
logo
Micro Electronics
MSGB51TAP MICRO-ELECTRONICS-MSGB51TAP Datasheet
161Kb / 3P
   HIGH EFFICIENCY RED/GREEN DUAL COLOR LAMP
MSGB51T MICRO-ELECTRONICS-MSGB51T Datasheet
133Kb / 3P
   HIGH EFFICIENCY RED/GREEN BI-COLOR LAMP
logo
Kingbright Corporation
KPT-1608PBC KINGBRIGHT-KPT-1608PBC Datasheet
95Kb / 4P
   The Blue source Color Devices are made with InGaN on SiCLight Emitting Diode
L-814PWC KINGBRIGHT-L-814PWC Datasheet
80Kb / 3P
   The source color Devices are made with InGaN on SiC Light Emitting Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com