Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM27V1655CZ Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSM27V1655CZ
Description  524,288-Double Word x 32-Bit or 1,048,576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM27V1655CZ Datasheet(HTML) 1 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
¡
The MSM27V1655CZ is a 16Mbit electrically Programmable Read-Only Memory with page mode. Its
configuration can be electrically switched between 524,288 double word x 32bit and 1,048,576word
x 16bit. The MSM27V1655CZ operates on a single +3.3V power supply and is TTL compatible. The
MSM27V1655CZ provides Page mode which can greatly reduce the read access time. Since the
MSM27V1655CZ operates asynchronously , external clocks are not required , making this device
easy-to-use. The MSM27V1655CZ is suitable as large-capacity fixed memory for microcomputers
and data terminals. It is manufactured using a CMOS double silicon gate technology and is offered in
70-pin SSOP , 70-pin TSOP packages.
1A
MSM27V1655CZ
524,288-Double Word x 32-Bit or 1,048,576-Word x 16-Bit
4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
DESCRIPTION
FEATURES
• 524,288 double word x 32bit / 1,048,576 word x 16bit electrically switchable configuration
• Single +3.3V power supply
• Access time 100ns
Page mode access time 30ns
• Input / Output TTL compatible
• Three-state output
• Packages
70-pin plastic SSOP (SSOP70-P-500-0.80-K)
70-pin plastic TSOP (TSOPII70-P-400-0.65-K)
Semiconductor


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM27C1655CZ524 288-Double Word x 32-Bit or 1 048 576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27V3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V1652D1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C1652CZ1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3255D1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V1652E1 048 576 - Word x 16-Bit or 2 097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V852D524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C852CZ524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V852E524 288 Word X 16 - Bit or 1 048 576 - Word X 8 - Bit 8 - Word x 16-Bit or 16 - Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn