Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM27V1655CZ Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MSM27V1655CZ
Description  524,288-Double Word x 32-Bit or 1,048,576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM27V1655CZ Datasheet(HTML) 5 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ns
0.45
-
5
ELECTRICAL CHARACTERISTICS (Read operation)
DC Characteristics
Input leakage current
Output leakage current
VCC power supply current
(Standby)
VCC power supply current
(Read)
VPP power supply current
Parameter
Symbol
Unit
Condition
(VCC=3.3V±0.3V, Ta=0 to 70°C)
Input "H" level
Input "L" level
Output "H" level
Output "L" level
Voltage is relative to Vss
10
Typ.
-
Min.
Max.
ILO
ICS1
ICS2
ICCA
µA
-
10
-
µA
-
50
-
µA
-
CE=VCC
1
-
CE=VIH
80
-mA
tc=100ns
-
-
IPP
VIH
VIL
VOH
VOL
10
µA
VPP=VCC
VCC+0.5
2.2
V
-
0.6
-0.5
V
-
-
V
IOH=-400µA
-
V
IOL=2.1mA
-
-
-
CE=VIL , OE=VIH
VI=0 to Vcc
VO=0 to Vcc
MSM27V1655CZ
mA
-
400
100pF (including jig capacitance)
1.5V
Output
AC Characteristics
Address access time
CE access time
OE access time
Output disable time
Parameter
Symbol
TACC
Unit
-
Condition
(VCC=3.3V±0.3V, Ta=0 to 70°C)
Min.
Max.
TCE
ns
CE=OE=VIL
-
ns
OE=VIL
30
-
ns
CE=VIL
30
0
ns
OE=VIL
25
0
ns
-
0
TOE
TOH
CE=VIL
CE=OE=VIL
Output hold time
100
100
TCHZ
TOHZ
Address access cycle time
TC
100
ns
-
-
0V/3V
0.8V/2.0V
100pF
0.8V/2.0V
Measurement conditions
Input signal level
Input timing reference level
Output load
Output timing reference level
120
-
30
-
-
30
ns
ns
ns
Page set up time
Page access cycle time
Page access time
TPSET
TPC
TPAC
-
-
NOTE(1)
NOTE(1) TPSET is defined as the end of either CE trailing edge or address transition in random access
term until the first page address transition.
ILI
2.4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM27C1655CZ524 288-Double Word x 32-Bit or 1 048 576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27V3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V1652D1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C1652CZ1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3255D1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V1652E1 048 576 - Word x 16-Bit or 2 097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V852D524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C852CZ524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V852E524 288 Word X 16 - Bit or 1 048 576 - Word X 8 - Bit 8 - Word x 16-Bit or 16 - Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn