Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM27V1655CZ Datasheet(PDF) 4 Page - OKI electronic componets

Part No. MSM27V1655CZ
Description  524,288-Double Word x 32-Bit or 1,048,576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM27V1655CZ Datasheet(HTML) 4 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Operating temperature under bias
Storage temperature
Input voltage
Output voltage
Power supply voltage
Program power supply voltage
Power dissipation per package
Parameter
Symbol
Topr
Unit
Value
Condition
RECOMMENDED OPERATING CONDITIONS FOR READ
VCC power supply voltage
VPP power supply voltage
Input "H" level
Input "L" level
Parameter
Symbol
VCC
Unit
3.6
Typ.
3.0
Condition
Tstg
VI
VO
VCC
VPP
PD
0 to 70
-55 to 125
V
-0.5 to VCC + 0.5
V
-0.5 to VCC + 0.5
V
-0.5 to 7
V
-0.5 to 12.5
W
1.0
-
relative to VSS
(Ta=0 to 70
°C)
Min.
Max.
V
VCC+0.5
-0.5
-
V
VCC+0.5
2.2
-
V
0.6
-0.5
-
V
VPP
VIH
VIL
VCC=3.0V-3.6V
Voltage is relative to Vss
ABSOLUTE MAXIMUM RATINGS
-
-
MSM27V1655CZ
°C
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM27C1655CZ524 288-Double Word x 32-Bit or 1 048 576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27V3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V1652D1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C1652CZ1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3255D1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V1652E1 048 576 - Word x 16-Bit or 2 097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V852D524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C852CZ524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V852E524 288 Word X 16 - Bit or 1 048 576 - Word X 8 - Bit 8 - Word x 16-Bit or 16 - Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn