Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1251A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB1251A
Description  SAW Filter 125MHz 20MHz BW (SMD 7.0횞5.0 mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB1251A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB1251A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB1251A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB1251A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB1251A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB1251A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB1251A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB1251A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Name: 125 MHz 20MHz BW SMD 7.0 x 5.0 mm SAW IF Filter
TST Parts No.: TB1251A
Customer Parts No.:
Checked by:
Kazuma Lee
Approval by:
Bob Chau
Date:
11 / 18 / 2016
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.
Customer signature required
Company:
Division:
Approved by :
Date:


Similar Part No. - TB1251A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1251 TOSHIBA-TB1251 Datasheet
1Mb / 80P
   PAL/NTSC/SECAM 1 Chip (IF VCD processor) IC
TB1251CN TOSHIBA-TB1251CN Datasheet
1Mb / 80P
   PAL/NTSC/SECAM 1 Chip (IF VCD processor) IC
More results

Similar Description - TB1251A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1186A TAI-SAW-TB1186A Datasheet
164Kb / 7P
   SAW Filter 138.24MHz 20MHz BW (SMD 7.0횞5.0 mm)
TB1151A TAI-SAW-TB1151A Datasheet
108Kb / 7P
   SAW Filter 307.36MHz 20MHz BW (SMD 7.0횞5.0 mm)
TB1226A TAI-SAW-TB1226A Datasheet
334Kb / 7P
   SAW Filter 200MHz 20MHz BW (SMD 7.0횞5.0 mm)
TB1052A TAI-SAW-TB1052A Datasheet
309Kb / 7P
   SAW Filter 307.2MHz 62MHz BW (SMD 7.0횞5.0 mm)
TB1106A TAI-SAW-TB1106A Datasheet
100Kb / 7P
   SAW Filter 276.5MHz 40MHz BW (SMD 7.0횞5.0 mm)
TB1166A TAI-SAW-TB1166A Datasheet
117Kb / 7P
   SAW Filter 46.3MHz 21MHz BW (SMD 7.0횞5.0 mm)
TB1031A TAI-SAW-TB1031A Datasheet
297Kb / 7P
   SAW Filter 307.2MHz 41MHz BW (SMD 7.0횞5.0 mm)
TB1069A TAI-SAW-TB1069A Datasheet
168Kb / 8P
   SAW Filter 534.5MHz 0.4MHz BW (SMD 7.0횞5.0 mm)
TB1163A TAI-SAW-TB1163A Datasheet
101Kb / 7P
   SAW Filter 140MHz 13MHz BW (SMD 7.0횞5.0 mm)
TA2555A TAI-SAW-TA2555A Datasheet
473Kb / 7P
   SAW Filter 160MHz SMD 7.0횞5.0 mm (BW=8MHz)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com