Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD592A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SD592A
Description  For Low-Frequency Output Amplification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD592A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD592A Datasheet HTML 1Page - Panasonic Semiconductor 2SD592A Datasheet HTML 2Page - Panasonic Semiconductor 2SD592A Datasheet HTML 3Page - Panasonic Semiconductor 2SD592A Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transistors
1
Publication date: January 2003
SJC00189CED
Rank
Q
R
S
hFE1
85 to 170
120 to 240
170 to 340
2SD0592A (2SD592A)
Silicon NPN epitaxial planar type
For low-frequency output amplification
Complementary to 2SB0621A (2SB621A)
■ Features
• Large collector power dissipation P
C
• Low collector-emitter saturation voltage V
CE(sat)
■ Absolute Maximum Ratings T
a
= 25°C
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
60
V
Collector-emitter voltage (Base open)
VCEO
50
V
Emitter-base voltage (Collector open)
VEBO
5V
Collector current
IC
1
A
Peak collector current
ICP
1.5
A
Collector power dissipation
PC
750
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC
= 10 µA, I
E
= 060
V
Collector-emitter voltage (Base open)
VCEO
IC = 2 mA, IB = 050
V
Emitter-base voltage (Collector open)
VEBO
IE = 10 µA, IC = 05
V
Collector-base cutoff current (Emitter open)
ICBO
VCB
= 20 V, I
E
= 0
0.1
µA
Forward current transfer ratio
hFE1 *
VCE = 10 V, IC = 500 mA
85
340
hFE2
VCE = 5 V, IC = 1 A
50
Collector-emitter saturation voltage
VCE(sat)
IC
= 500 mA, I
B
= 50 mA
0.2
0.4
V
Base-emitter saturation voltage
VBE(sat)
IC = 500 mA, IB = 50 mA
0.85
1.20
V
Transition frequency
fT
VCB = 10 V, IE = −50 mA, f = 200 MHz
200
MHz
Collector output capacitance
Cob
VCB
= 10 V, I
E
= 0, f = 1 MHz
20
pF
(Common base, input open circuited)
■ Electrical Characteristics T
a
= 25°C ± 3°C
Unit: mm
1: Emitter
2: Collector
3: Base
TO-92-B1 Package
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Rank classification
5.0±0.2
0.7±0.1
0.45
+0.15
–0.1
2.5
+0.6
–0.2
0.45
+0.15
–0.1
2.5
12 3
+0.6
–0.2
4.0±0.2
Note) The part number in the parenthesis shows conventional part number.


Similar Part No. - 2SD592A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD592A PANASONIC-2SD592A Datasheet
46Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
logo
Micro Electronics
2SD592A MICRO-ELECTRONICS-2SD592A Datasheet
89Kb / 1P
   SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SD592A ETC1-2SD592A Datasheet
41Kb / 1P
   Medium Power Amplifiers and Switches
More results

Similar Description - 2SD592A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1593 PANASONIC-2SB1593 Datasheet
66Kb / 3P
   For Low-Frequency Output Amplification
2SB0819 PANASONIC-2SB0819 Datasheet
81Kb / 4P
   For Low-Frequency Output Amplification
2SB0779 PANASONIC-2SB0779 Datasheet
68Kb / 3P
   For low-frequency output amplification
2SB0968 PANASONIC-2SB0968 Datasheet
80Kb / 4P
   For Low-Frequency Output Amplification
2SB0976 PANASONIC-2SB0976 Datasheet
68Kb / 3P
   For Low-Frequency Output Amplification
logo
Unisonic Technologies
2SB766A UTC-2SB766A_12 Datasheet
157Kb / 3P
   LOW FREQUENCY OUTPUT AMPLIFICATION
2SB766A UTC-2SB766A Datasheet
117Kb / 3P
   LOW FREQUENCY OUTPUT AMPLIFICATION
logo
Panasonic Semiconductor
2SK0663 PANASONIC-2SK0663 Datasheet
73Kb / 3P
   For Low-Frequency Amplification
2SD0946 PANASONIC-2SD0946 Datasheet
68Kb / 3P
   For Low-Frequency Amplification
2SK0198 PANASONIC-2SK0198 Datasheet
49Kb / 3P
   For Low-Frequency Amplification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com