Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM27C802CZ Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSM27C802CZ
Description  524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM27C802CZ Datasheet(HTML) 1 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
¡
The MSM27C802CZ is a 8Mbit electrically Programmable Read-Only Memory whose configuration
can be electrically switched between 524,288 word x 16bit and 1,048,576 word x 8bit. The MSM27
C802CZ operates on a single +5V power supply and is TTL compatible. Since the MSM27C802CZ
operates asynchronously , external clocks are not required , making this device easy-to-use. The
MSM27C802CZ is suitable as large-capacity fixed memory for microcomputers and data terminals. It
is manufactured using a CMOS double silicon gate technology and is offered in 42-pin DIP , 44-pin
SOP or 44-pin TSOP packages.
1A
MSM27C802CZ
524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
DESCRIPTION
FEATURES
• 524,288 word x 16bit / 1,048,576 word x 8bit electrically switchable configuration
• Single +5V power supply
• Access time
80ns
• Input / Output TTL compatible
• Three-state output
• Packages
42-pin plastic DIP (DIP42-P-600-2.54)
44-pin plastic SOP (SOP44-P-600-1.27-K)
44-pin plastic TSOP (TSOP II 44-P-400-0.80-K)
Semiconductor
May 1999


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn