Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM27C802CZ Datasheet(PDF) 4 Page - OKI electronic componets

Part No. MSM27C802CZ
Description  524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM27C802CZ Datasheet(HTML) 4 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Operating temperature under bias
Storage temperature
Input voltage
Output voltage
Power supply voltage
Program power supply voltage
Power dissipation per package
Parameter
Symbol
Topr
Unit
Value
Condition
RECOMMENDED OPERATING CONDITIONS FOR READ
VCC power supply voltage
VPP power supply voltage
Input "H" level
Input "L" level
Parameter
Symbol
VCC
Unit
5.5
Typ.
4.5
Condition
Tstg
VI
VO
VCC
VPP
PD
0 to 70
-55 to 125
V
-0.5 to VCC + 0.5
V
-0.5 to VCC + 0.5
V
-0.5 to 7
V
-0.5 to 12.5
W
1.0
-
relative to VSS
(Ta=0 to 70
°C)
Min.
Max.
V
VCC+0.5
-0.5
-
V
VCC+0.5
2.2
-
V
0.6
-0.5
-
V
VPP
VIH
VIL
VCC=4.5V - 5.5V
Voltage is relative to Vss
ABSOLUTE MAXIMUM RATINGS
-
-
MSM27C802CZ
°C
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn