Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM27C802CZ Datasheet(PDF) 3 Page - OKI electronic componets

Part No. MSM27C802CZ
Description  524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM27C802CZ Datasheet(HTML) 3 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
BLOCK DIAGRAM
D0
CE
BYTE/VPP
OE
CE
PGM
OE
Memory Matrix
Multiplexer
Output Buffer
FUNCTION TABLE
STAND-BY
OUTPUT DISABLE
READ (8-Bit)
READ (16-Bit)
MODE
D15/A-1
CE
OE
VCC
LL
DOUT
L
L
L/H
L
H
L
*
H
*
H
L
* : Don't Care
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
X8/X16 Switch
A-1
In 8-bit output mode, these pins are
three-stated and pin D15 functions
as the A-1 address pin.
5.0V
D8 - D14
D0 - D7
H
L
DOUT
Hi-Z
H
Hi-Z
*
Hi-Z
PROGRAM
LH
DIN
PROGRAM INHIBIT
H
H
Hi-Z
PROGRAM VERIFY
HL
DOUT
11.5V
6.25V
MSM27C802CZ
BYTE/VPP
524,288X16-Bit or 1,048,576X8-Bit
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn