Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IW4002B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. IW4002B
Description  Dual 4-Input NOR Gate High-Voltage Silicon-Gate CMOS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IW4002B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IW4002B Datasheet HTML 1Page - List of Unclassifed Manufacturers IW4002B Datasheet HTML 2Page - List of Unclassifed Manufacturers IW4002B Datasheet HTML 3Page - List of Unclassifed Manufacturers IW4002B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA
7
Dual 4-Input NOR Gate
High-Voltage Silicon-Gate CMOS
The IW4002B NOR gates provide the system designer with direct
emplementation of the NOR function.
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-
temperature range; 100 nA at 18 V and 25
°C
• Noise margin (over full package temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
IW4002B
ORDERING INFORMATION
IW4002BN Plastic
IW4002BD SOIC
TA = -55° to 125° C for all packages
LOGIC DIAGRAM
PINS 6, 8 = NO CONNECTION
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
NC = NO CONNECTION
FUNCTION TABLE
Inputs
Output
AB
C
D
Y
HX
X
X
L
XH
X
X
L
XX
H
X
L
XX
X
H
L
LL
L
L
H
X = don’t care


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IN74AC20 DUAL 4-INPUT NAND GATE High-Speed Silicon-Gate CMOS 1  2  3  4  Integral Corp.
IN74HC20A Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS 1  2  3  4  5  Integral Corp.
CD74HC4002 High Speed CMOS Logic Dual 4-Input NOR Gate 1  2  3  4  5  Texas Instruments
CD54HC4002 High-Speed CMOS Logic Dual 4-Input NOR Gate 1  2  3  4  5  More Texas Instruments
IN74HCT20 DUAL 4-INPUT NAND GATE High-Performance Silicon-Gate CMOS 1  2  3  4  Integral Corp.
IW4001B Quad 2-Input NOR Gate High-Voltage Silicon-Gate CMOS 1  2  3  4  Integral Corp.
HD14002B Dual 4-input NOR Gate 1  2  3  4  Hitachi Semiconductor
IW4011BN Quad 2-Input NAND Gate High-Voltage Silicon-Gate CMOS 1  2  3  4  List of Unclassifed Manufacturers
HEF4002B Dual 4-input NOR gate 1  2  3  NXP Semiconductors
CD74HC20 High Speed CMOS Logic Dual 4-Input NAND Gate 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn