Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IW4002B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. IW4002B
Description  Dual 4-Input NOR Gate High-Voltage Silicon-Gate CMOS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IW4002B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IW4002B Datasheet HTML 1Page - List of Unclassifed Manufacturers IW4002B Datasheet HTML 2Page - List of Unclassifed Manufacturers IW4002B Datasheet HTML 3Page - List of Unclassifed Manufacturers IW4002B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IW4002B
9
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
≥-55°C
25
°C
≤125
°C
Unit
VIH
Minimum High-Level
Input Voltage
VOUT=0.5V
VOUT=1.0 V
VOUT=1.5V
5.0
10
15
3.5
7
11
3.5
7
11
3.5
7
11
V
VIL
Maximum Low -Level
Input Voltage
VOUT=0.5 V or VCC - 0.5 V
VOUT=1.0 V or VCC - 1.0 V
VOUT=1.5 V or VCC - 1.5 V
5.0
10
15
1.5
3
4
1.5
3
4
1.5
3
4
V
VOH
Minimum High-Level
Output Voltage
VIN=GND
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
4.95
9.95
14.95
V
VOL
Maximum Low-Level
Output Voltage
VIN=GND or VCC
5.0
10
15
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
V
IIN
Maximum Input
Leakage Current
VIN= GND or VCC
18
±0.1
±0.1
±1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN= GND or VCC
5.0
10
15
20
0.25
0.5
1.0
5.0
0.25
0.5
1.0
5.0
7.5
15
30
150
µA
IOL
Minimum Output Low
(Sink) Current
VIN= GND or VCC
UOL=0.4 V
UOL=0.5 V
UOL=1.5 V
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.36
0.9
2.4
mA
IOH
Minimum Output
High (Source) Current
VIN= GND or VCC
UOH=2.5 V
UOH=4.6 V
UOH=9.5 V
UOH=13.5 V
5.0
5.0
10
15
-2.0
-0.64
-1.6
-4.2
-1.6
-0.51
-1.3
-3.4
-1.15
-0.36
-0.9
-2.4
mA


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IN74AC20 DUAL 4-INPUT NAND GATE High-Speed Silicon-Gate CMOS 1  2  3  4  Integral Corp.
IN74HC20A Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS 1  2  3  4  5  Integral Corp.
CD74HC4002 High Speed CMOS Logic Dual 4-Input NOR Gate 1  2  3  4  5  Texas Instruments
CD54HC4002 High-Speed CMOS Logic Dual 4-Input NOR Gate 1  2  3  4  5  More Texas Instruments
IN74HCT20 DUAL 4-INPUT NAND GATE High-Performance Silicon-Gate CMOS 1  2  3  4  Integral Corp.
IW4001B Quad 2-Input NOR Gate High-Voltage Silicon-Gate CMOS 1  2  3  4  Integral Corp.
HD14002B Dual 4-input NOR Gate 1  2  3  4  Hitachi Semiconductor
IW4011BN Quad 2-Input NAND Gate High-Voltage Silicon-Gate CMOS 1  2  3  4  List of Unclassifed Manufacturers
HEF4002B Dual 4-input NOR gate 1  2  3  NXP Semiconductors
CD74HC20 High Speed CMOS Logic Dual 4-Input NAND Gate 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn