Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS65C1024AL-45TA3 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS65C1024AL-45TA3
Description  128K x 8 LOW POWER CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS65C1024AL-45TA3 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS65C1024AL-45TA3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS65C1024AL-45TA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS65C1024AL-45TA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS65C1024AL-45TA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS65C1024AL-45TA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS65C1024AL-45TA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS65C1024AL-45TA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS65C1024AL-45TA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS65C1024AL-45TA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
3
Rev. C
01/24/05
ISSI®
IS62C1024AL
IS65C1024AL
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +125
°C
PT
Power Dissipation
1.0
W
IOUT
DC Output Current (LOW)
20
mA
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VOUT = 0V
8
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, VDD = 5.0V.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol Parameter
Test Conditions
Options
Min.
Max.
Unit
VOH
Output HIGH Voltage
VDD = Min., IOH = –1.0 mA
2.4
V
VOL
Output LOW Voltage
VDD = Min., IOL = 2.1 mA
0.4
V
VIH
Input HIGH Voltage
2.2
VDD + 0.5
V
VIL
Input LOW Voltage(1)
-0.5
0.8
V
ILI
Input Leakage
GND
≤ VIN ≤ VDD
Com.
-1
1
µA
Ind.
-2
2
Auto.
-5
5
ILO
Output Leakage
GND
≤ VOUT ≤ VDD
Com.
-1
1
µA
CE1 = VIH, or
Ind.
-2
2
CE2 = VIL, or
OE = VIH or
Auto.
-5
5
WE = VIL


Similar Part No. - IS65C1024AL-45TA3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS65C1024AL ETC2-IS65C1024AL Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - IS65C1024AL-45TA3

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024LL ICSI-IS62C1024LL Datasheet
122Kb / 8P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15N1024A TMT-T15N1024A Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com