Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM27C452CZ Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSM27C452CZ
Description  262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM27C452CZ Datasheet(HTML) 1 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
¡
The MSM27C452CZ is a 4Mbit electrically Programmable Read-Only Memory with page mode. Its
configuration can be electrically switched between 262,144 word x 16bit and 524,288 word x 8bit.
The MSM27C452CZ operates on a single +5V power supply and is TTL compatible. The MSM27C4
52CZ provides Page mode which can greatly reduce the read access time. Since the MSM27C452
CZ operates asynchronously , external clocks are not required , making this device easy-to-use. The
MSM27C452CZ is suitable as large-capacity fixed memory for microcomputers and data terminals. It
is manufactured using a CMOS double silicon gate technology and is offered in 40-pin DIP , 40-pin
SOP or 44-pin TSOP packages.
1A
MSM27C452CZ
262,144-Word x 16-Bit or 524,288-Word x 8-Bit
8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
DESCRIPTION
FEATURES
• 262,144 word x 16bit / 524,288 word x 8bit electrically switchable configuration
• Single +5V power supply
• Access time 80ns
Page mode access time 50ns
• Input / Output TTL compatible
• Three-state output
• Packages
40-pin plastic DIP (DIP40-P-600-2.54)
40-pin plastic SOP (SOP40-P-525-1.27-K)
44-pin plastic TSOP (TSOP II 44-P-400-0.80-K)
Semiconductor


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MR27V452D262 144-Word x 16-Bit or 524 288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C852CZ524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V852D524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C402CZ262 144-Word x 16-Bit or 524 288-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C1652CZ1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V1652E1 048 576 - Word x 16-Bit or 2 097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V1652D1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C3252CZ2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V402D262 144-Word x 16-Bit or 524 288-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V402E262 144-Word x 16-Bit or 524 288-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn