Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM27C452CZ Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MSM27C452CZ
Description  262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM27C452CZ Datasheet(HTML) 5 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ns
0.45
-
5
ELECTRICAL CHARACTERISTICS (Read operation)
DC Characteristics
Input leakage current
Output leakage current
VCC power supply current
(Standby)
VCC power supply current
(Read)
VPP power supply current
Parameter
Symbol
Unit
Condition
(VCC=5V±0.5V, Ta=0 to 70°C)
Input "H" level
Input "L" level
Output "H" level
Output "L" level
Voltage is relative to Vss
10
Typ.
-
Min.
Max.
ILO
ICS1
ICS2
ICCA
µA
-
10
-
µA
-
50
-
µA
-
CE=VCC
1
-
CE=VIH
100
-mA
tc=80ns
-
-
IPP
VIH
VIL
VOH
VOL
50
µA
VPP=VCC
VCC+0.5
2.2
V
-
0.8
-0.5
V
-
-
2.4
V
IOH=-400µA
-
V
IOL=2.1mA
-
-
-
CE=VIL , OE=VIH
VI=0 to Vcc
VO=0 to Vcc
MSM27C452CZ
mA
-
400
100pF (including jig capacitance)
1.7V
Output
AC Characteristics
Address access time
CE access time
OE access time
Output disable time
Parameter
Symbol
TACC
Unit
-
Condition
(VCC=5V±0.5V, Ta=0 to 70°C)
Min.
Max.
TCE
ns
CE=OE=VIL
-
ns
OE=VIL
50
-
ns
CE=VIL
40
0
ns
OE=VIL
35
0
ns
-
0
TOE
TOH
CE=VIL
CE=OE=VIL
Output hold time
80
100
TCHZ
TOHZ
Random access cycle time
TC
80
ns
-
-
0V/3V
0.8V/2.0V
1TTL gate + 100pF
0.8V/2.0V
Measurement conditions
Input signal level
Input timing reference level
Output load
Output timing reference level
100
-
50
-
-
50
ns
ns
ns
Page set up time
Page access cycle time
Page access time
TPSET
TPC
TPAC
-
-
NOTE(1)
NOTE(1) TPSET is defined as the end of either CE trailing edge or address transition in random access
term until the first page address transition.
ILI
-


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MR27V452D262 144-Word x 16-Bit or 524 288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C852CZ524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V852D524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C402CZ262 144-Word x 16-Bit or 524 288-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C1652CZ1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V1652E1 048 576 - Word x 16-Bit or 2 097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V1652D1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C3252CZ2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V402D262 144-Word x 16-Bit or 524 288-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V402E262 144-Word x 16-Bit or 524 288-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn