Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM27C452CZ Datasheet(PDF) 4 Page - OKI electronic componets

Part No. MSM27C452CZ
Description  262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM27C452CZ Datasheet(HTML) 4 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Operating temperature under bias
Storage temperature
Input voltage
Output voltage
Power supply voltage
Program power supply voltage
Power dissipation per package
Parameter
Symbol
Topr
Unit
Value
Condition
RECOMMENDED OPERATING CONDITIONS FOR READ
VCC power supply voltage
VPP power supply voltage
Input "H" level
Input "L" level
Parameter
Symbol
VCC
Unit
5.5
Typ.
4.5
Condition
Tstg
VI
VO
VCC
VPP
PD
0 to 70
-55 to 125
V
-0.5 to VCC + 0.5
V
-0.5 to VCC + 0.5
V
-0.5 to 7
V
-0.5 to 12.5
W
1.0
-
relative to VSS
(Ta=0 to 70
°C)
Min.
Max.
V
VCC+0.5
-0.5
-
V
VCC+0.5
2.2
-
V
0.8
-0.5
-
V
VPP
VIH
VIL
VCC=4.5V - 5.5V
Voltage is relative to Vss
ABSOLUTE MAXIMUM RATINGS
-
-
MSM27C452CZ
°C
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MR27V452D262 144-Word x 16-Bit or 524 288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C852CZ524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V852D524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C402CZ262 144-Word x 16-Bit or 524 288-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C1652CZ1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V1652E1 048 576 - Word x 16-Bit or 2 097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V1652D1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C3252CZ2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V402D262 144-Word x 16-Bit or 524 288-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V402E262 144-Word x 16-Bit or 524 288-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn