Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5295J Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5295J
Description  For 2 GHz Band Low-Noise Amplification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5295J Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5295J Datasheet HTML 1Page - Panasonic Semiconductor 2SC5295J Datasheet HTML 2Page - Panasonic Semiconductor 2SC5295J Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transistors
1
Publication date: December 2002
SJC00283BED
2SC5295J
Silicon NPN epitaxial planar type
For 2 GHz band low-noise amplification
■ Features
• High transition frequency f
T
• Low collector output capacitance (Common base, input open cir-
cuited) Cob
• SS-Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing
■ Absolute Maximum Ratings T
a
= 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base cutoff current (Emitter open)
ICBO
VCB
= 10 V, I
E
= 01
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB = 1 V, IC = 01
µA
Forward current transfer ratio *
hFE
VCE = 8 V, IC = 20 mA
50
170
Transition frequency
fT
VCE
= 8 V, I
C
= 15 mA, f = 1.5 GHz
7.0
8.5
GHz
Collector output capacitance
Cob
VCB
= 10 V, I
E
= 0, f = 1 MHz
0.6
1.0
pF
(Common base, input open circuited)
Foward transfer gain
S
21e
2
VCE = 8 V, IC = 15 mA, f = 1.5 GHz
7
9
dB
Maximum unilateral power gain
GUM
VCE = 8 V, IC = 15 mA, f = 1.5 GHz
10
dB
Noise figure
NF
VCE
= 8 V, I
C
= 7 mA, f = 1.5 GHz
2.2
3.0
dB
■ Electrical Characteristics T
a
= 25°C ± 3°C
Unit: mm
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
15
V
Collector-emitter voltage (Base open)
VCEO
10
V
Emitter-base voltage (Collector open)
VEBO
2V
Collector current
IC
65
mA
Collector power dissipation
PC
125
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Marking Symbol: 3S
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Rank classification
Rank
Q
R
hFE
50 to 120
100 to 170
0.27±0.02
3
12
0.12
+0.03
–0.01
1.60
+0.05
–0.03
1.00±0.05
(0.50)(0.50)
1: Base
2: Emitter
3: Collector
EIAJ: SC-89
SSMini3-F1 Package


Similar Part No. - 2SC5295J

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5295 PANASONIC-2SC5295 Datasheet
43Kb / 1P
   Silicon NPN epitaxial planer type(For 2 GHz band low-noise amplification)
More results

Similar Description - 2SC5295J

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5295 PANASONIC-2SC5295 Datasheet
43Kb / 1P
   Silicon NPN epitaxial planer type(For 2 GHz band low-noise amplification)
2SC5556 PANASONIC-2SC5556 Datasheet
65Kb / 3P
   For UHF Band Low-Noise Amplification
2SC2671F PANASONIC-2SC2671F Datasheet
73Kb / 3P
   For UHF Band Low-Noise Amplification
2SC2671 PANASONIC-2SC2671 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC4805 PANASONIC-2SC4805 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For 2GHz band low-noise amplification)
2SC3704 PANASONIC-2SC3704 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC4968 PANASONIC-2SC4968 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC4808 PANASONIC-2SC4808 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC4835 PANASONIC-2SC4835 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC3937 PANASONIC-2SC3937 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com