Electronic Components Datasheet Search |
|
IDT23S08-4DC Datasheet(PDF) 7 Page - Integrated Device Technology |
|
IDT23S08-4DC Datasheet(HTML) 7 Page - Integrated Device Technology |
7 / 10 page 7 COMMERCIALANDINDUSTRIALTEMPERATURERANGES IDT23S08 3.3V ZERO DELAY CLOCK MULTIPLIER SWITCHING CHARACTERISTICS - INDUSTRIAL Symbol Parameter Conditions Min. Typ. Max. Unit t1 OutputFrequency 30pF Load, all devices 10 100 MHz t1 OutputFrequency 20pF Load, -1H, -2H, -5H Devices(1) 10 133.3 MHz t1 OutputFrequency 15pF Load, -1, -2, -3, -4 devices 10 133.3 MHz Duty Cycle = t2 ÷ t1 Measured at 1.4V, FOUT = 66.66MHz 40 50 60 % (-1, -2, -3, -4, -1H, -2H, -5H) 30pFLoad Duty Cycle = t2 ÷ t1 Measured at 1.4V, FOUT = 50MHz 45 50 55 % (-1, -2, -3, -4, -1H, -2H, -5H) 15pFLoad t3 Rise Time (-1, -2, -3, -4) Measured between 0.8V and 2V, 30pF Load 2.2 ns t3 Rise Time (-1, -2, -3, -4) Measured between 0.8V and 2V, 15pF Load 1.5 ns t3 Rise Time (-1H, -2H, -5H) Measured between 0.8V and 2V, 30pF Load 1.5 ns t4 Fall Time (-1, -2, -3, -4) Measured between 0.8V and 2V, 30pF Load 2.2 ns t4 Fall Time (-1, -2, -3, -4) Measured between 0.8V and 2V, 15pF Load 1.5 ns t4 Fall Time (-1H, -5H) Measured between 0.8V and 2V, 30pF Load 1.25 ns t5 Output to Output Skew on same Bank Alloutputsequallyloaded 200 ps (-1, -2, -3, -4) Output to Output Skew (-1H, -2H, -5H) Alloutputsequallyloaded 200 ps Output Bank A to Output Bank B (-1, -4, -2H, -5H) Alloutputsequallyloaded 200 ps Output Bank A to Output Bank B Skew (-2, -3) Alloutputsequallyloaded 400 ps t6 Delay, REF Rising Edge to FBK Rising Edge MeasuredatVDD/2 0±250 ps t7 Device to Device Skew Measured at VDD/2 on the FBK pins of devices 0 700 ps t8 OutputSlewRate Measured between 0.8V and 2V on -1H, -2H, -5H 1 V/ns device using Test Circuit 2 tJ Cycle to Cycle Jitter Measured at 66.67 MHz, loaded outputs, 15pF Load 200 (-1, -1H, -4, -5H) Measuredat66.67MHz,loadedoutputs,30pFLoad 200 ps Measuredat133.3MHz,loadedoutputs,15pFLoad 100 tJ Cycle to Cycle Jitter Measured at 66.67 MHz, loaded outputs, 30pF Load 400 ps (-2, -2H, -3) Measuredat66.67MHz,loadedoutputs,15pFLoad 400 tLOCK PLL Lock Time Stable Power Supply, valid clocks presented 1ms on REF and FBK pins NOTE: 1. IDT23S08-5H has maximum input frequency of 133.33 MHz and maximum output of 66.67MHz. |
Similar Part No. - IDT23S08-4DC |
|
Similar Description - IDT23S08-4DC |