Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V90823PQF Datasheet(PDF) 25 Page - Integrated Device Technology

Part # IDT72V90823PQF
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V90823PQF Datasheet(HTML) 25 Page - Integrated Device Technology

Back Button IDT72V90823PQF Datasheet HTML 19Page - Integrated Device Technology IDT72V90823PQF Datasheet HTML 20Page - Integrated Device Technology IDT72V90823PQF Datasheet HTML 21Page - Integrated Device Technology IDT72V90823PQF Datasheet HTML 22Page - Integrated Device Technology IDT72V90823PQF Datasheet HTML 23Page - Integrated Device Technology IDT72V90823PQF Datasheet HTML 24Page - Integrated Device Technology IDT72V90823PQF Datasheet HTML 25Page - Integrated Device Technology IDT72V90823PQF Datasheet HTML 26Page - Integrated Device Technology IDT72V90823PQF Datasheet HTML 27Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
25
COMMERCIALTEMPERATURERANGE
IDT72V90823 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 2,048 x 2,048
DS
CS
VALID WRITE ADDRESS
A0-A7
tCSS
tCSH
R/
W
tRWS
tRWH
tADS
tADH
VALID WRITE
DATA
AD0-AD7/
D8-D15
tDSW
tDHW
DTA
tAKD
tAKH
tCSS
tCSH
tRWS
tRWH
VALID READ ADDRESS
tADS
tADH
VALID READ DATA
tDDR
tDHR
tAKD
tAKH
5712 drw17
tSWD
Figure 14. Motorola Non-Multiplexed Asyncronous Bus Timing
AC ELECTRICAL CHARACTERISTICS-MOTOROLA NON-MULTIPLEXED BUS MODE
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
tCSS
CS Setup from DS falling
0
ns
tRWS
R/W Setup from DS falling
10
ns
tADS
Address Setup from DS falling
2
ns
tCSH
CS Hold after DS rising
0
ns
tRWH
R/W Hold after DS Rising
2
ns
tADH
Address Hold after DS Rising
2
ns
tDDR
Data Setup from DTA LOW on Read
2
ns
CL = 150pF
tDHR
Data Hold on Read
10
20
ns
CL = 150pF, RL = 1K
tDSW
Data Setup on Write (Fast Write)
5
ns
tSWD
Valid Data Delay on Write (Slow Write)
122
ns
tDHW
Data Hold on Write
5
ns
tAKD
Acknowledgment Delay:
Reading/WritingRegisters
43/43
ns
CL = 150pF
Reading/Writing Memory
@ 2.048 Mb/s
760/750
ns
CL = 150pF
@ 4.096 Mb/s
400/390
ns
CL = 150pF
@ 8.192 Mb/s
220/210
ns
CL = 150pF
tAKH(1)
Acknowledgment Hold Time
22
ns
CL = 150pF, RL = 1K
NOTE:
1. High Impedance is measured by pulling to the appropriate rail with R
L, with timing corrected to cancel time taken to discharge CL.


Similar Part No. - IDT72V90823PQF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V90823PQFG RENESAS-IDT72V90823PQFG Datasheet
949Kb / 28P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
DECEMBER 2002
More results

Similar Description - IDT72V90823PQF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
IDT72V73260 RENESAS-IDT72V73260 Datasheet
311Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
JUNE 2004
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V70840 IDT-IDT72V70840_08 Datasheet
163Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 4,096 x 4,096
IDT72V8980 IDT-IDT72V8980 Datasheet
110Kb / 11P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V71660 IDT-IDT72V71660 Datasheet
233Kb / 31P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
logo
Renesas Technology Corp
IDT72V8980 RENESAS-IDT72V8980 Datasheet
302Kb / 12P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com