Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V90823J Datasheet(PDF) 27 Page - Integrated Device Technology

Part # IDT72V90823J
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V90823J Datasheet(HTML) 27 Page - Integrated Device Technology

Back Button IDT72V90823J Datasheet HTML 19Page - Integrated Device Technology IDT72V90823J Datasheet HTML 20Page - Integrated Device Technology IDT72V90823J Datasheet HTML 21Page - Integrated Device Technology IDT72V90823J Datasheet HTML 22Page - Integrated Device Technology IDT72V90823J Datasheet HTML 23Page - Integrated Device Technology IDT72V90823J Datasheet HTML 24Page - Integrated Device Technology IDT72V90823J Datasheet HTML 25Page - Integrated Device Technology IDT72V90823J Datasheet HTML 26Page - Integrated Device Technology IDT72V90823J Datasheet HTML 27Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
27
CORPORATE HEADQUARTER
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
408-330-1753
Santa Clara, CA 95054
fax: 408-492-8674
email:FIFOhelp@idt.com
www.idt.com
5712 drw19
XXXXXX
IDT
Device Type
X
Package
Process/
Temperature
Range
XX
BLANK
Commercial (-40
°C to +85°C)
72V90823
2,048 x 2,048
 3.3V Time Slot Interchange Digital Switch
J
BC
PQF
PF
Plastic Leaded Chip Carrier (PLCC, J84-1)
Ball Grid Array (BGA, BC100-1)
Plastic Quad Flatpack (PQFP, PQ100-2)
Thin Quad Flat Pack (TQFP, PN100-1)
ORDERING INFORMATION
DATASHEET DOCUMENT HISTORY
5/19/2000
pgs. 1,3,18 and 25.
7/27/2000
pgs. 1, 2, 4, 5, 6, 7, 16 and 25.
8/14/2000
pg. 6.
9/14/2000
pgs. 2, 3, 12, 13 and 18.
1/02/2001
pgs. 7, 18, 21, 22, 23, and 24
1/25/2001
pgs. 1, 16, 18 and 24.
5/16/2001
pg. 16
08/06/2001
pgs. 4, 5, 12 and 25.
12/18/2002
pg. 3


Similar Part No. - IDT72V90823J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V90823 RENESAS-IDT72V90823 Datasheet
949Kb / 28P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
DECEMBER 2002
IDT72V90823BCG RENESAS-IDT72V90823BCG Datasheet
949Kb / 28P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
DECEMBER 2002
IDT72V90823PFG RENESAS-IDT72V90823PFG Datasheet
949Kb / 28P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
DECEMBER 2002
IDT72V90823PQFG RENESAS-IDT72V90823PQFG Datasheet
949Kb / 28P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
DECEMBER 2002
More results

Similar Description - IDT72V90823J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
IDT72V73260 RENESAS-IDT72V73260 Datasheet
311Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
JUNE 2004
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V70840 IDT-IDT72V70840_08 Datasheet
163Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 4,096 x 4,096
IDT72V8980 IDT-IDT72V8980 Datasheet
110Kb / 11P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V71660 IDT-IDT72V71660 Datasheet
233Kb / 31P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
logo
Renesas Technology Corp
IDT72V8980 RENESAS-IDT72V8980 Datasheet
302Kb / 12P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com