Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V90823 Datasheet(PDF) 2 Page - Integrated Device Technology

Part No. IDT72V90823
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT72V90823 Datasheet(HTML) 2 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
COMMERCIALTEMPERATURERANGE
IDT72V90823 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 2,048 x 2,048
PIN CONFIGURATIONS
12
13
14
15
16
17
18
19
20
4
3
2
1
83 82 81
39 40 41 42 43 44 45
INDEX
5712 drw03
7
6
5
80 79 78 77 76 75
8
11 10 9
46 47 48 49 50 51 52
33 34 35 36 37 38
64
63
62
61
60
59
58
57
56
73
72
71
70
69
68
67
66
65
55
54
21
22
23
24
25
26
27
28
29
30
31
32
53
74
84
CCO
DTA
D15
D14
D13
D12
D11
D10
D9
D8
GND
VCC
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
GND
RX0
RX1
RX2
RX3
RX4
RX5
RX6
RX7
RX8
RX9
RX10
RX11
RX12
RX13
RX14
RX15
F0i
FE/HCLK
GND
CLK
VCC
A
B
C
D
E
F
G
H
J
K
RX0
RX2
RX7
RX10
RX5
RX11
RX13
RX14
FOI
TMS
TX13
RX1
RX8
RX9
RX4
RX12
RX15
FE/
HCLK
TDI
TDO
TX11
TX14
RX6
VCC
RX3
VCC
CLK
TCK
TRST
IC
TX10
TX12
VCC
D11
D14
CCO
D13
ODE
TX0
D10
DTA
TX2
TX3
VCC
VCC
TX5
TX4
GND
GND
GND
GND
GND
TX6
TX7
GND
TX9
TX8
10
9
8
7
6
5
4
3
2
1
A1 BALL PAD CORNER
D9
D12
D8
AD5
AD3
AD0
AS/ALE
DNC
GND
VCC
CS
A7
A5
VCC
GND
GND
VCC
A4
A3
A6
D15
AD7
AD6
AD2
IM
DS/RD
TX1
VCC
AD4
AD1
R/
W/RW
VCC
GND
GND
VCC
A1
A2
TX15
GND
VCC
RESET
A0
WFPS
5712 drw02
BGA: 1mm pitch, 11mm x 11mm (BC100-1, order code: BC)
TOP VIEW
PLCC: 0.05in. pitch, 1.15in. x 1.15in. (PL84-1, order code: J)
TOP VIEW
NOTES:
1. DNC - Do Not Connect
2. IC - Internal Connection, tie to GROUND for normal operation.
3. All I/O pins are 5V tolerant except for TMS, TDI and
TRST.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn