Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V281L10TFI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72V281L10TFI
Description  3.3 VOLT CMOS SuperSync FIFOTM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V281L10TFI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72V281L10TFI Datasheet HTML 4Page - Integrated Device Technology IDT72V281L10TFI Datasheet HTML 5Page - Integrated Device Technology IDT72V281L10TFI Datasheet HTML 6Page - Integrated Device Technology IDT72V281L10TFI Datasheet HTML 7Page - Integrated Device Technology IDT72V281L10TFI Datasheet HTML 8Page - Integrated Device Technology IDT72V281L10TFI Datasheet HTML 9Page - Integrated Device Technology IDT72V281L10TFI Datasheet HTML 10Page - Integrated Device Technology IDT72V281L10TFI Datasheet HTML 11Page - Integrated Device Technology IDT72V281L10TFI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
COCOMMCOMMERCIALANDINDUSTRIALTEMPERATURERANGE
IDT72V281/72V291
Number of
Words in
FIFO
0
1 to n (1)
0
1 to n (1)
(n+1) to 32,768
32,769 to (65,536-(m+1))
(65,536-m) (2) to 65,535
65,536
72V281
72V291
FF PAF HF PAE EF
HH
HL
L
HH
HL
H
HH
H
H
H
HH
L
H
H
HL
L
H
H
LL
LH
H
4513 drw 05
0
1 to n+1(1)
0
1 to n+1(1)
(n+2) to 65,537
65,538 to (131,073-(m+1))
(131,073-m)
(2)
to 131,072
131,073
IR PAF HF PAE OR
LH
H
L
H
LH
H
L
L
L
H
HHL
LH
L
H
L
LLL
H
L
HL
L
H
L
72V281
72V291
Number of
Words in
FIFO
(n+1) to 65,536
65,537 to (131,072-(m+1))
(131,072-m) (2) to 131,071
131,072
(n+2) to 32,769
32,770 to (65,537-(m+1))
(65,537-m)
(2)
to 65,536
65,537
NOTES:
1. n = Empty Offset, Default Values: n = 127 when parallel offset loading is selected or n = 1,023 when serial offset loading is selected.
2. m = Full Offset, Default Values: m = 127 when parallel offset loading is selected or m = 1,023 when serial offset loading is selected.
NOTES:
1. n = Empty Offset, Default Values: n = 127 when parallel offset loading is selected or n = 1,023 when serial offset loading is selected.
2. m = Full Offset, Default Values: m = 127 when parallel offset loading is selected or m = 1,023 when serial offset loading is selected.
In addition to loading offset values into the FIFO, it also possible to read the
current offset values. It is only possible to read offset values via parallel read.
Figure 4, Programmable Flag Offset Programming Sequence, summa-
rizes the control pins and sequence for both serial and parallel programming
modes. For a more detailed description, see discussion that follows.
The offset registers may be programmed (and reprogrammed) any time
after Master Reset, regardless of whether serial or parallel programming
has been selected.
TABLE 1  STATUS .LAGS .OR IDT STANDARD MODE
TABLE 2  STATUS .LAGS .OR .W.T MODE


Similar Part No. - IDT72V281L10TFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V281 IDT-IDT72V281 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
logo
Renesas Technology Corp
IDT72V281 RENESAS-IDT72V281 Datasheet
430Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO™ 65,536 x 9 131,072 x 9
JANUARY 2018
logo
Integrated Device Techn...
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
More results

Similar Description - IDT72V281L10TFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V36100 IDT-IDT72V36100_16 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
IDT72V255LA IDT-IDT72V255LA Datasheet
439Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO 8,192 x 18 16,384 x 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com