Electronic Components Datasheet Search |
|
IDT72V281L10PFI Datasheet(PDF) 4 Page - Integrated Device Technology |
|
IDT72V281L10PFI Datasheet(HTML) 4 Page - Integrated Device Technology |
4 / 26 page 4 COCOMMCOMMERCIALANDINDUSTRIALTEMPERATURERANGE IDT72V281/72V291 PIN DESCRIPTION Symbol Name I/O Description D0–D8 Data Inputs I Data inputs for a 9-bit bus. MRS Master Reset I MRS initializes the read and write pointers to zero and sets the output register to all zeroes. During Master Reset, the FIFO is configured for either FWFT or IDT Standard mode, one of two programmable flag default settings, and serial or parallel programming of the offset settings. PRS Partial Reset I PRS initializes the read and write pointers to zero and sets the output register to all zeroes. During Partial Reset, the existing mode (IDT or FWFT), programming method (serial or parallel), and programmable flag settings are all retained. RT Retransmit I RT asserted on the rising edge of RCLK initializes the READ pointer to zero, sets the EF flag to LOW (OR to HIGH in FWFT mode) temporarily and does not disturb the write pointer, programming method, existing timing mode or programmable flag settings. RT is useful to reread data from the first physical location of the FIFO. FWFT/SI First Word Fall I During Master Reset, selects First Word Fall Through or IDT Standard mode. Through/Serial In After Master Reset, this pin functions as a serial input for loading offset registers WCLK Write Clock I When enabled by WEN, the rising edge of WCLK writes data into the FIFO and offsets into the programmable registers for parallel programming, and when enabled by SEN, the rising edge of WCLK writes one bit of data into the programmable register for serial programming. WEN Write Enable I WEN enables WCLK for writing data into the FIFO memory and offset registers. RCLK Read Clock I When enabled by REN, the rising edge of RCLK reads data from the FIFO memory and offsets from the programmable registers. REN Read Enable I REN enables RCLK for reading data from the FIFO memory and offset registers. OE Output Enable I OE controls the output impedance of Qn. SEN Serial Enable I SEN enables serial loading of programmable flag offsets. LD Load I During Master Reset, LD selects one of two partial flag default offsets (127 or 1,023 and determines the flag offset programming method, serial or parallel. After Master Reset, this pin enables writing to and reading from the offset registers. DC Don't Care I This pin must be tied to either VCC or GND and must not toggle after Master Reset. FF/IR Full Flag/ O In the IDT Standard mode, the FF function is selected. FF indicates whether or Input Ready not the FIFO memory is full. In the FWFT mode, the IR function is selected. IR indicates whether or not there is space available for writing to the FIFO memory. EF/OR Empty Flag/ O In the IDT Standard mode, the EF function is selected. EF indicates whether or Output Ready not the FIFO memory is empty. In FWFT mode, the OR function is selected. OR indicates whether or not there is valid data available at the outputs. PAF Programmable O PAF goes LOW if the number of words in the FIFO memory is more than Almost-Full Flag total word capacity of the FIFO minus the full offset value m, which is stored in the Full Offset register. There are two possible default values for m: 127 or 1,023. PAE Programmable O PAE goes LOW if the number of words in the FIFO memory is less than offset n, Almost-Empty Flag which is stored in the Empty Offset register. There are two possible default values for n: 127 or 1,023. Other values for n can be programmed into the device. HF Half-Full Flag O HF indicates whether the FIFO memory is more or less than half-full. Q0–Q8 Data Outputs O Data outputs for a 9-bus. VCC Power +3.3 Volt power supply pins. GND Ground Ground pins. |
Similar Part No. - IDT72V281L10PFI |
|
Similar Description - IDT72V281L10PFI |