Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM51551 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LM51551
Description  2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM51551 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM51551 Datasheet HTML 26Page - Texas Instruments LM51551 Datasheet HTML 27Page - Texas Instruments LM51551 Datasheet HTML 28Page - Texas Instruments LM51551 Datasheet HTML 29Page - Texas Instruments LM51551 Datasheet HTML 30Page - Texas Instruments LM51551 Datasheet HTML 31Page - Texas Instruments LM51551 Datasheet HTML 32Page - Texas Instruments LM51551 Datasheet HTML 33Page - Texas Instruments LM51551 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
BIAS
VCC
GATE
CS
PGND
FB
COMP
SS
RT
PGOOD
AGND
UVLO/SYNC
VLOAD
VSUPPLY
-
+
= 2.97V - 16V
BIAS
VCC
GATE
CS
PGND
FB
COMP
SS
RT
PGOOD
AGND
UVLO/SYNC
VLOAD
VSUPPLY
From MCU
1-cell or
2-cell
Battery
= 12V / 24V
-
+
= 3.5V - 45V
BIAS
VCC
GATE
CS
PGND
FB
COMP
SS
RT
PGOOD
AGND
UVLO/SYNC
VLOAD
VSUPPLY
From MCU
To MCU
Car
Battery
30
LM5155
SNVSB75 – DECEMBER 2018
www.ti.com
Product Folder Links: LM5155
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
System Examples (continued)
Figure 40. Typical Start-Stop Application
Figure 41. Emergency-call / Boost On-Demand / Portable Speaker
Figure 42. Typical SEPIC Application


Similar Part No. - LM51551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM51551 TI-LM51551 Datasheet
1Mb / 51P
[Old version datasheet]   LM5155x-Q1 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
REVISED JANUARY 2021
LM51551-Q1 TI1-LM51551-Q1 Datasheet
918Kb / 47P
[Old version datasheet]   2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
LM51551-Q1 TI-LM51551-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   LM5155x-Q1 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
REVISED JANUARY 2021
LM51551QDSSRQ1 TI1-LM51551QDSSRQ1 Datasheet
918Kb / 47P
[Old version datasheet]   2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
LM51551QDSSRQ1 TI-LM51551QDSSRQ1 Datasheet
1Mb / 51P
[Old version datasheet]   LM5155x-Q1 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
REVISED JANUARY 2021
More results

Similar Description - LM51551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5155-Q1 TI1-LM5155-Q1 Datasheet
169Kb / 9P
[Old version datasheet]   2.2-MHz Wide Input Nonsynchronous Boost, Sepic, Flyback Controller
LM5155-Q1 TI1-LM5155-Q1_V01 Datasheet
918Kb / 47P
[Old version datasheet]   2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
LM5155-Q1 TI-LM5155-Q1_V02 Datasheet
1Mb / 51P
[Old version datasheet]   LM5155x-Q1 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
REVISED JANUARY 2021
logo
Linear Technology
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871_15 Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1_15 Datasheet
530Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871X LINER-LTC1871X Datasheet
764Kb / 32P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS-7 LINER-LTC1871IMS-7 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com