Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C2D10120D Datasheet(PDF) 1 Page - Cree, Inc

Part No. C2D10120D
Description  Silicon Carbide Schottky Diode Zero Recovery Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C2D10120D Datasheet(HTML) 1 Page - Cree, Inc

  C2D10120D Datasheet HTML 1Page - Cree, Inc C2D10120D Datasheet HTML 2Page - Cree, Inc C2D10120D Datasheet HTML 3Page - Cree, Inc C2D10120D Datasheet HTML 4Page - Cree, Inc C2D10120D Datasheet HTML 5Page - Cree, Inc C2D10120D Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
C2D10120D Rev. H
C2D10120D
Silicon Carbide Schottky Diode
Zero recovery® RectifieR
Features
1.2kVSchottkyRectifier
ZeroReverseRecoveryCurrent
ZeroForwardRecoveryVoltage
High-FrequencyOperation
Temperature-IndependentSwitchingBehavior
ExtremelyFastSwitching
PositiveTemperatureCoefficientonV
F
Benefits
ReplaceBipolarwithUnipolarRectifiers
EssentiallyNoSwitchingLosses
HigherEfficiency
ReductionofHeatSinkRequirements
ParallelDevicesWithoutThermalRunaway
Applications
SwitchModePowerSupplies
PowerFactorCorrection
MotorDrives
Package
TO-247-3
Maximum Ratings (T
C=25°Cunlessotherwisespecified)
Symbol
Parameter
Value
Unit
Test Conditions
Note
V
RRM
RepetitivePeakReverseVoltage
1200
V
V
RSM
SurgePeakReverseVoltage
1200
V
V
DC
DCBlockingVoltage
1200
V
I
F
ContinuousForwardCurrent(PerLeg/Device)
18/36
9/18
5/10
A
T
C=25˚C
T
C=135˚C
T
C=157˚C
I
FRM
RepetitivePeakForwardSurgeCurrent
30*
A
T
C=25˚C,tP=10ms,HalfSineWave
I
FSM
Non-RepetitivePeakForwardSurgeCurrent
100*
A
T
C=25˚C,tP=10µs,Pulse
P
tot
PowerDissipation(PerLeg/Device)
138/276
60/120
W
T
C=25˚C
T
C=110˚C
T
J,Tstg
OperatingJunctionandStorageTemperature
-55to
+175
˚C
TO-247MountingTorque
1
8.8
Nm
lbf-
in
M3Screw
6-32Screw
*
PerLeg,**PerDevice
Part Number
Package
Marking
C2D10120D
TO-247-3
C2D10120
V
RRM
=
1200 V
I
F (TC=135˚C) = 18 A
**
Q
c
=56nC**


Similar Part No. - C2D10120D

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
C2D10120D ETC1-C2D10120D Datasheet
474Kb / 5P
   Silicon Carbide Schottky Diode
More results

Similar Description - C2D10120D

ManufacturerPart No.DatasheetDescription
Cree, Inc
Cree, Inc
C2D05120A CREE-C2D05120A Datasheet
520Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D10120A CREE-C2D10120A Datasheet
462Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D05120E CREE-C2D05120E Datasheet
391Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D20120D CREE-C2D20120D Datasheet
565Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
Microsemi Corporation
Microsemi Corporation
APT30SCD120S MICROSEMI-APT30SCD120S Datasheet
131Kb / 4P
   Zero Recovery Silicon Carbide Schottky Diode
APT20SCD120B MICROSEMI-APT20SCD120B Datasheet
135Kb / 4P
   Zero Recovery Silicon Carbide Schottky Diode
Microchip Technology
Microchip Technology
MSC010SDA070B MICROCHIP-MSC010SDA070B Datasheet
2Mb / 12P
   Zero Recovery Silicon Carbide Schottky Diode
2021
MSC010SDA070K MICROCHIP-MSC010SDA070K Datasheet
2Mb / 12P
   Zero Recovery Silicon Carbide Schottky Diode
2021
MSC010SDA070S MICROCHIP-MSC010SDA070S Datasheet
2Mb / 11P
   Zero Recovery Silicon Carbide Schottky Diode
2021
Cree, Inc
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz