Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C2D05120E Datasheet(PDF) 2 Page - Cree, Inc

Part No. C2D05120E
Description  Silicon Carbide Schottky Diode Zero Recovery Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C2D05120E Datasheet(HTML) 2 Page - Cree, Inc

  C2D05120E Datasheet HTML 1Page - Cree, Inc C2D05120E Datasheet HTML 2Page - Cree, Inc C2D05120E Datasheet HTML 3Page - Cree, Inc C2D05120E Datasheet HTML 4Page - Cree, Inc C2D05120E Datasheet HTML 5Page - Cree, Inc C2D05120E Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
C2D05120E Rev. B
Electrical Characteristics
Symbol
Parameter
Typ.
Max.
Unit
Test Conditions
Note
V
F
ForwardVoltage
1.6
2.6
1.8
3.0
V
I
F=5ATJ=25°C
I
F=5ATJ=175°C
I
R
ReverseCurrent
50
100
200
1000
µ
A
V
R = 1200 V
T
J=25°C
V
R = 1200 V
T
J=150°C
Q
C
TotalCapacitiveCharge
28
nC
V
R=1200V,IF=5A
di/dt=500A/µs
T
J=25°C
C
TotalCapacitance
455
45
33
pF
V
R=0V,TJ=25°C,f=1MHz
V
R=200V,TJ=25˚C,f=1MHz
V
R=400V,TJ=25˚C,f=1MHz
Note:
1. Thisisamajoritycarrierdiode,sothereisnoreverserecoverycharge.
Thermal Characteristics
Symbol
Parameter
Typ.
Unit
R
θJC
ThermalResistancefromJunctiontoCase
1.1
°C/W
Typical Performance
Figure1.ForwardCharacteristics
Figure2.ReverseCharacteristics
V
F Forward Voltage (V)
200
180
160
140
120
100
80
60
40
20
0
V
R Reverse Voltage (V)
0
50010001500
20
18
16
14
12
10
8
6
4
2
0
0
1.02.03.04.05.0


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn