Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C2D05120E Datasheet(PDF) 1 Page - Cree, Inc

Part No. C2D05120E
Description  Silicon Carbide Schottky Diode Zero Recovery Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C2D05120E Datasheet(HTML) 1 Page - Cree, Inc

  C2D05120E Datasheet HTML 1Page - Cree, Inc C2D05120E Datasheet HTML 2Page - Cree, Inc C2D05120E Datasheet HTML 3Page - Cree, Inc C2D05120E Datasheet HTML 4Page - Cree, Inc C2D05120E Datasheet HTML 5Page - Cree, Inc C2D05120E Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
C2D05120E Rev. B
C2D05120E
Silicon Carbide Schottky Diode
Zero recovery® RectifieR
Features
1.2kVSchottkyRectifier
ZeroReverseRecoveryCurrent
ZeroForwardRecoveryVoltage
High-FrequencyOperation
Temperature-IndependentSwitchingBehavior
ExtremelyFastSwitching
PositiveTemperatureCoefficientonV
F
Benefits
ReplaceBipolarwithUnipolarRectifiers
EssentiallyNoSwitchingLosses
HigherEfficiency
ReductionofHeatSinkRequirements
ParallelDevicesWithoutThermalRunaway
Applications
SwitchModePowerSupplies
PowerFactorCorrection
MotorDrives
HighVoltageMultipliers
Package
TO-252-2
Maximum Ratings (T
C=25°Cunlessotherwisespecified)
Symbol
Parameter
Value Unit
Test Conditions
Note
V
RRM
RepetitivePeakReverseVoltage
1200
V
V
RSM
SurgePeakReverseVoltage
1200
V
V
DC
DCBlockingVoltage
1200
V
I
F
ContinuousForwardCurrent
17.5
8.5
5
A
T
C=25˚C
T
C=135˚C
T
C=157˚C
I
FRM
RepetitivePeakForwardSurgeCurrent
30
A
T
C=25˚C,tP=10ms,HalfSineWave
I
FSM
Non-RepetitivePeakForwardSurgeCurrent
100
A
T
C=25˚C,tP=10µs,Pulse
P
tot
PowerDissipation
136
59
W
T
C=25˚C
T
C=110˚C
T
J,Tstg
OperatingJunctionandStorageTemperature
-55to
+175
˚C
PIN1
PIN2
CASE
Part Number
Package
Marking
C2D05120E
TO-252-2
C2D05120
V
RRM
=
1200 V
I
F (TC=135˚C) =8.5A
Q
c
=
28nC


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn