Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C2D05120A Datasheet(PDF) 3 Page - Cree, Inc

Part No. C2D05120A
Description  Silicon Carbide Schottky Diode Zero Recovery Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C2D05120A Datasheet(HTML) 3 Page - Cree, Inc

  C2D05120A Datasheet HTML 1Page - Cree, Inc C2D05120A Datasheet HTML 2Page - Cree, Inc C2D05120A Datasheet HTML 3Page - Cree, Inc C2D05120A Datasheet HTML 4Page - Cree, Inc C2D05120A Datasheet HTML 5Page - Cree, Inc C2D05120A Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
C2D05120 Rev. E
Figure3.CurrentDerating
Figure5.Capacitancevs.ReverseVoltage
Typical Performance
Typical Performance
C2D05120
20.0
30.0
40.0
50.0
60.0
Current Derating
Page 1
0.0
10.0
25
50
75
100
125
150
175
Tc Case Temperature (°°°°C)
60
50
40
30
20
10
0
255075100125150175
T
C Case Temperature (°C)
* Frequency > 1KHz
10%Duty*
20%Duty*
30%Duty*
50%Duty*
70%Duty*
DC
V
R Reverse Voltage (V)
400
350
300
250
200
150
100
50
0
1
101001000
Figure4.PowerDerating
60
70
80
90
100
110
120
130
140
150
0
10
20
30
40
50
60
25
50
75
100
125
150
175
Tc Case Temperature (°C)
T
C ˚C


Similar Part No. - C2D05120A

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
C2D05120A ETC1-C2D05120A Datasheet
464Kb / 5P
   Silicon Carbide Schottky Diode
Cree, Inc
Cree, Inc
C2D05120A CREE-C2D05120A_14 Datasheet
520Kb / 6P
   Silicon Carbide Schottky Diode
More results

Similar Description - C2D05120A

ManufacturerPart No.DatasheetDescription
Cree, Inc
Cree, Inc
C2D10120A CREE-C2D10120A Datasheet
462Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D05120E CREE-C2D05120E Datasheet
391Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D10120D CREE-C2D10120D Datasheet
566Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D20120D CREE-C2D20120D Datasheet
565Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
Microsemi Corporation
Microsemi Corporation
APT30SCD120S MICROSEMI-APT30SCD120S Datasheet
131Kb / 4P
   Zero Recovery Silicon Carbide Schottky Diode
APT20SCD120B MICROSEMI-APT20SCD120B Datasheet
135Kb / 4P
   Zero Recovery Silicon Carbide Schottky Diode
Microchip Technology
Microchip Technology
MSC010SDA070B MICROCHIP-MSC010SDA070B Datasheet
2Mb / 12P
   Zero Recovery Silicon Carbide Schottky Diode
2021
MSC010SDA070K MICROCHIP-MSC010SDA070K Datasheet
2Mb / 12P
   Zero Recovery Silicon Carbide Schottky Diode
2021
MSC010SDA070S MICROCHIP-MSC010SDA070S Datasheet
2Mb / 11P
   Zero Recovery Silicon Carbide Schottky Diode
2021
Cree, Inc
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz