Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM27C3252CZ Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM27C3252CZ
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM27C3252CZ Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM27C3252CZ Datasheet HTML 4Page - OKI electronic componets MSM27C3252CZ Datasheet HTML 5Page - OKI electronic componets MSM27C3252CZ Datasheet HTML 6Page - OKI electronic componets MSM27C3252CZ Datasheet HTML 7Page - OKI electronic componets MSM27C3252CZ Datasheet HTML 8Page - OKI electronic componets MSM27C3252CZ Datasheet HTML 9Page - OKI electronic componets MSM27C3252CZ Datasheet HTML 10Page - OKI electronic componets MSM27C3252CZ Datasheet HTML 11Page - OKI electronic componets MSM27C3252CZ Datasheet HTML 12Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
MSM27C3252CZ
X=0
High Speed Programming Algorithm ( I )
VCC=6.25V
VPP=11.5V
X=X+1
YES
PASS
NO
NG
YES
NG
PASS
VCC=5.5V
VPP=5.5V
Start
X=10 ?
Increment Address
Verify (One Byte)
Last Address ?
Compare All
Device Passed
Device Failed
Program 25
µs
First Address
VCC=4.5V
VPP=4.5V
PASS
Compare All
NO
NG


Similar Part No. - MSM27C3252CZ

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM27C3255CZ OKI-MSM27C3255CZ Datasheet
91Kb / 12P
   1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
More results

Similar Description - MSM27C3252CZ

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V3252D OKI-MR27V3252D Datasheet
56Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C1652CZ OKI-MSM27C1652CZ Datasheet
91Kb / 12P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V6452D OKI-MR27V6452D Datasheet
83Kb / 10P
   4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1652D OKI-MR27V1652D Datasheet
57Kb / 10P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V3202E OKI-MR27V3202E Datasheet
90Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MSM27C3202CZ OKI-MSM27C3202CZ Datasheet
87Kb / 12P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V3202F OKI-MR27V3202F Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
MR27V3202D OKI-MR27V3202D Datasheet
57Kb / 11P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V1652E OKI-MR27V1652E Datasheet
151Kb / 15P
   1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V452D OKI-MR27V452D Datasheet
82Kb / 10P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com