Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM27C3252CZ Datasheet(PDF) 7 Page - OKI electronic componets

Part No. MSM27C3252CZ
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM27C3252CZ Datasheet(HTML) 7 Page - OKI electronic componets

Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
ELECTRICAL CHARACTERISTICS (Programming operation)
DC Characteristics
Input leakage current
VPP power supply current (Program)
VCC power supply current
Parameter
Symbol
ILI
Unit
10
Typ.
-
Condition
(Ta=25
°C±5°C)
Min.
Max.
Input "L" level
IPP2
ICC
VIH
VIL
µA
-
VI=VCC+0.5V
50
-
mA
-
CE=VIL
100
-
mA
-
-
VCC+0.5
2.2
V
-
0.8
-0.5
V
-
-
11.5
-
Voltage is relative to Vss
Input "H" level
VOH
-
2.4
V
IOH=-400µA
-
Output "H" level
VOL
0.45
-
V
IOL=2.1mA
-
Output "L" level
VPP
11.75
11.25
V
-
Program voltage
VCC power supply voltage
VCC
6.5
6.0
V
6.25
-
AC Characteristics
Address set-up time
OE set-up time
Data set-up time
Parameter
Symbol
TAS
Unit
-
Typ.
2
Condition
Min.
Max.
Data hold time
TOES
TDS
TAH
TDH
µs
-
-
2
µs
-
-
2
µs
-
-
-
0
µs
-
-
2
µs
-
-
-
Address hold time
TDFP
130
0
ns
-
Output float delay from OE
TVS
-
2
µs
-
VPP voltage set-up time
Program pulse width
TPW
27
23
µs
25
-
Data valid from OE
TOE
150
-
ns
-
-
-
-
-
-
(Vcc=6.25V±0.25V,Vpp=11.5V±0.25V,Ta=25°C±5°C)
MSM27C3252CZ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MR27V3252D2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V1652D1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C1652CZ1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V6452D4 194 304-Word x 16-Bit or 8 388 608-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3202D2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3202E2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C3202CZ2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3255D1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27V3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn