Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM27C3252CZ Datasheet(PDF) 3 Page - OKI electronic componets

Part No. MSM27C3252CZ
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM27C3252CZ Datasheet(HTML) 3 Page - OKI electronic componets

  MSM27C3252CZ Datasheet HTML 1Page - OKI electronic componets MSM27C3252CZ Datasheet HTML 2Page - OKI electronic componets MSM27C3252CZ Datasheet HTML 3Page - OKI electronic componets MSM27C3252CZ Datasheet HTML 4Page - OKI electronic componets MSM27C3252CZ Datasheet HTML 5Page - OKI electronic componets MSM27C3252CZ Datasheet HTML 6Page - OKI electronic componets MSM27C3252CZ Datasheet HTML 7Page - OKI electronic componets MSM27C3252CZ Datasheet HTML 8Page - OKI electronic componets MSM27C3252CZ Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
BLOCK DIAGRAM
D0
CE
BYTE/VPP
OE
CE
PGM
OE
Memory Matrix
Multiplexer & Page Data Latch
Output Buffer
FUNCTION TABLE
STAND-BY
OUTPUT DISABLE
READ (8-Bit)
READ (16-Bit)
MODE
D15/A-1
CE
OE
VCC
LL
DOUT
L
L
L/H
L
H
L
*
H
*
H
L
* : Don't Care
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
X8/X16 Switch
A-1
In 8-bit output mode, these pins are
three-stated and pin D15 functions
as the A-1 address pin.
4.5V
to
5.5V
D8 - D14
D0 - D7
H
L
DOUT
Hi-Z
H
Hi-Z
*
Hi-Z
PROGRAM
LH
DIN
PROGRAM INHIBIT
H
H
Hi-Z
PROGRAM VERIFY
HL
DOUT
11.5V
6.25V
MSM27C3252CZ
BYTE/VPP
2,097,152X16-Bit or 4,194,304X8-Bit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MR27V3252D2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V1652D1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C1652CZ1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V6452D4 194 304-Word x 16-Bit or 8 388 608-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3202D2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3202E2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C3202CZ2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3255D1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27V3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn