Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM27C3202CZ Datasheet(PDF) 10 Page - OKI electronic componets

Part No. MSM27C3202CZ
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM27C3202CZ Datasheet(HTML) 10 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
MSM27C3202CZ
High Speed Programming Algorithm ( II )
Program 25
µs
X=0
VCC=6.25V
VPP=11.5V
X=X+1
YES
PASS
NO
NG
PASS
VCC=5.5V
VPP=5.5V
Start
X=10 ?
Increment Address
Verify (One Byte)
Last Address ?
Compare All
Device Passed
Device Failed
Program 25
µs
First Address
VCC=4.5V
VPP=4.5V
PASS
Compare All
NG
First Address
Last Address ?
NO
Increment Address
YES
NG
YES
NO


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn