Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM27C3202CZ Datasheet(PDF) 8 Page - OKI electronic componets

Part No. MSM27C3202CZ
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM27C3202CZ Datasheet(HTML) 8 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
MSM27C3202CZ
A0 - A20
CE
D0 - D15
Programming Waveform
OE
BYTE/VPP
PIN Capacitance
Input
BYTE/VPP
Parameter
CIN1
Unit
12
Typ.
-
(VCC=5V, Ta=25°C, f=1MHz)
Min.
Max.
CIN2
pF
-
VI=0V
60
--
Output
COUT
15
--
VO=0V
Symbol
Condition
tAS
tPW
tAH
tOES
tDFP
tDS
tDH
tOE
tVS
Program
Program Verify
DIN
DOUT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn