Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM27C3202CZ Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MSM27C3202CZ
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM27C3202CZ Datasheet(HTML) 5 Page - OKI electronic componets

  MSM27C3202CZ Datasheet HTML 1Page - OKI electronic componets MSM27C3202CZ Datasheet HTML 2Page - OKI electronic componets MSM27C3202CZ Datasheet HTML 3Page - OKI electronic componets MSM27C3202CZ Datasheet HTML 4Page - OKI electronic componets MSM27C3202CZ Datasheet HTML 5Page - OKI electronic componets MSM27C3202CZ Datasheet HTML 6Page - OKI electronic componets MSM27C3202CZ Datasheet HTML 7Page - OKI electronic componets MSM27C3202CZ Datasheet HTML 8Page - OKI electronic componets MSM27C3202CZ Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Output
DC Characteristics
0.45
-
Input leakage current
Output leakage current
VCC power supply current
(Standby)
VCC power supply current
(Read)
VPP power supply current
Parameter
Symbol
Unit
Condition
(VCC=5V±0.5V, Ta=0 to 70°C)
Input "H" level
Input "L" level
Output "H" level
Output "L" level
Voltage is relative to Vss
10
Typ.
-
Min.
Max.
ILO
ICS1
ICS2
ICCA
µA
-
10
-
µA
-
50
-
µA
-
CE=VCC
1
-
CE=VIH
70
-mA
tc=100ns
-
-
IPP
VIH
VIL
VOH
VOL
10
µA
VPP=VCC
VCC+0.5
2.2
V
-
0.8
-0.5
V
-
-
V
IOH=-400µA
-
V
IOL=2.1mA
-
-
-
CE=VIL , OE=VIH
VI=0 to Vcc
VO=0 to Vcc
mA
-
ILI
-
2.4
ELECTRICAL CHARACTERISTICS (Read operation)
5
MSM27C3202CZ
400
ohms
100pF (including jig capacitance)
1.7V
0V/3V
0.8V/2.0V
1TTL gate + 100pF
0.8V/2.0V
Measurement conditions
Input signal level
Input timing reference level
Output load
Output timing reference level
ns
AC Characteristics
Address access time
CE access time
OE access time
Output disable time
Parameter
Symbol
TACC
Unit
Condition
(VCC=5V±0.5V, Ta=0 to 70°C)
Min.
Max.
TCE
ns
CE=OE=VIL
-
ns
50
-
ns
40
0
ns
35
0
ns
-
0
TOE
TOH
Output hold time
100
100
TCHZ
TOHZ
Access cycle time
TC
100
ns
-
-
OE=VIL
CE=VIL
OE=VIL
CE=VIL
CE=OE=VIL
-


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn