Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MCW Datasheet(PDF) 16 Page - IC-Haus GmbH

Part # IC-MCW
Description  BiSS WATCHDOG FOR RS422 WITH SPI
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MCW Datasheet(HTML) 16 Page - IC-Haus GmbH

Back Button IC-MCW Datasheet HTML 12Page - IC-Haus GmbH IC-MCW Datasheet HTML 13Page - IC-Haus GmbH IC-MCW Datasheet HTML 14Page - IC-Haus GmbH IC-MCW Datasheet HTML 15Page - IC-Haus GmbH IC-MCW Datasheet HTML 16Page - IC-Haus GmbH IC-MCW Datasheet HTML 17Page - IC-Haus GmbH IC-MCW Datasheet HTML 18Page - IC-Haus GmbH IC-MCW Datasheet HTML 19Page - IC-Haus GmbH IC-MCW Datasheet HTML 20Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
prel
imin
ary
prel
imin
ary
iC-MCW
BiSS WATCHDOG FOR RS422 WITH SPI
Rev A1, Page 16/22
bits from the registers DeviceStatus and DeviceError.
More information about the registers of the iC-MCW
can be found in section "REGISTER LAYOUT" on page
19.
Table 10 lists the bits of the StatusByte.
Bit Name
value
7
AVAIL
0 : No Frame Data Available
1 : New Frame Data Available
6
DETECT 0 : No BiSS Frame Detected
1 : New BiSS Frame(s) Detected
5-4 WAIT
00 : Wait for Begin of Frame
01 : Wait for Delay Acknowledge
10 : Wait for Start Bit
11 : Wait for BiSS Timeout
3
PLL
0 : PLL Lock OK
1 : PLL Lock Warning
2
SPI
0 : SPI Communication OK
1 : SPI Communication Error
1
FRAME
0 : Frame Data OK
1 : Frame Error Detected
0
RESET
0 : No Chip Reset
1 : Chip Reset Detected
Table 10: ReadStatus Bits
AVAIL and DETECT:
These bits are used to inform the host about new frame
data for communication systems that use status polling
instead of interrupt requests. Especially the bit AVAIL
should be used to control the request of frame data
from the iC-MCW.
WAIT:
The bits WAIT show the wait state of the iC-MCW. Ac-
cording to Table 10 the bits can be used to monitor
what signal the iC-MCW is waiting for. This information
can be used to debug the communication if the chip
waits for the start bit an exceptional period of time for
example.
WAIT can be mapped to the internal logical states as
shown in Table 11. More information about the inter-
nal logical states can be found in section "MODE OF
OPERATION" on page 11.
PLL, SPI, FRAME and RESET:
PLL, FRAME and RESET correspond to the error bits
of the register DeviceError directly.
The bit SPI combines the error bits BYTE, OPCODE,
READ and WRITE from the register DeviceError. The
bit is set if one of the error bits is set by the SPI engine.
Detailed information about the register DeviceError can
be found in section "REGISTER LAYOUT" on page 19.
Logical State Wait for
IDLE
Begin of Frame
ABTO
BiSS Timeout
DELAY
Delay Acknowledge
READY
BiSS Timeout
START
Start Bit
CDS
BiSS Timeout
DATA
BiSS Timeout
ERROR
BiSS Timeout
Table 11: Wait States of the iC-MCW
ReadFrameData
In general the command ReadFrameData provides a
continuous stream of bytes of the last BiSS frame. The
command should only be used if an interrupt request
is detected by the host system or the bit AVAIL of the
StatusByte is set.
After receiving the opcode of the command in the first
byte on pin MOSI, the iC-MCW returns the byte INFO
that reports the status of the current BiSS frame in the
second byte on pin MISO. There are several codes of
INFO that indicate what data is provided in the following
SPI bytes. Table 12 lists the possible output of INFO
and what it means.
INFO
Code
Description
NO_FRAME
0xFF
No BiSS Frame in
Memory,
BANK_BUSY
0xFE
Memory Bank Busy,
Data Invalid
FRAME_ERROR
0xFD
BiSS Frame Error,
See Error Code
NO_CDS
0xFC
Reduced BiSS Frame
Detected,
NCDM Only
LENGTH_ERROR 0xFB
Incomplete BiSS
Frame Data,
250 Bits Available
Only
FRAME_LENGTH 0xFA - Valid BiSS Frame,
0x01
Data Ready to
Transmit
NO_DATA
0x00
Valid BiSS Frame,
CDS and NCDM Only
Table 12: INFO Byte of ReadFrameData
NO_FRAME:
If INFO equals NO_FRAME, there is no new frame de-
tected since the last ReadFrameData SPI Command.
Hence, there is no frame data to be read out of the
memory of the iC-MCW.


Similar Part No. - IC-MCW

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MCB ICHAUS-IC-MCB Datasheet
1Mb / 28P
   SPI-TO-BiSS BRIDGE WITH RS422 TRANSCEIVER
More results

Similar Description - IC-MCW

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MCB ICHAUS-IC-MCB Datasheet
1Mb / 28P
   SPI-TO-BiSS BRIDGE WITH RS422 TRANSCEIVER
IC-MD ICHAUS-IC-MD Datasheet
451Kb / 23P
   ENCODER RECEIVER/COUNTER WITH SPI AND BiSS
logo
Maxim Integrated Produc...
DS28DG02 MAXIM-DS28DG02 Datasheet
351Kb / 34P
   2Kb SPI EEPROM with PIO, RTC, Reset, Battery Monitor, and Watchdog
11/09
logo
Dallas Semiconductor
DS28DG02 DALLAS-DS28DG02 Datasheet
293Kb / 33P
   2kb SPI EEPROM with PIO, RTC, Reset, Battery Monitor, and Watchdog
logo
Catalyst Semiconductor
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
logo
Allegro MicroSystems
ARG81402 ALLEGRO-ARG81402 Datasheet
2Mb / 45P
   PMIC for Safety-Related Systems, with SR Buck Pre-Regulator, 5 Linear Regulators, Watchdog Timer, and SPI
logo
Analog Devices
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
IC-Haus GmbH
IC-MQ ICHAUS-IC-MQ_15 Datasheet
1Mb / 43P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com