Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IC-HN Datasheet(PDF) 3 Page - IC-Haus GmbH

Part No. IC-HN
Description  SHORT PULSE 1.4A LASER DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICHAUS [IC-Haus GmbH]
Homepage  http://www.ichaus.biz
Logo 

IC-HN Datasheet(HTML) 3 Page - IC-Haus GmbH

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
prel
imin
ary
prel
imin
ary
iC-HN
SHORT PULSE 1.4A LASER DRIVER
Rev B1, Page 3/6
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VDD
Voltage at VDD
-0.2
6
V
G002 V(LDK)
Voltage at LDK
-0.2
30.5
V
G003 V()
Voltage at EP, EN, CI
-0.3
6
V
G004 Vd()
ESD Susceptibility at all pins
HBM 100 pF discharged through 1.5 kΩ
2
kV
G005 Tj
Operating Junction Temperature
-40
125
°C
G006 Ts
Storage Temperature Range
-40
150
°C
THERMAL DATA
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01 Ta
Operating ambient temperature range
-40
105
°C
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn