Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82V842 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82V842
Description  CCD CDS/PGA/10b-20M-ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V842 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82V842 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Absolute Maximum Ratings
Supply Voltage .........................GND
-0.3V to GND+6V
Storage Temperature ...........................
-55°Cto150°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-20°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VIH
High Level Input Voltage
3V
¾
0.7VDD
¾
VDD
V
VIL
Low Level Input Voltage
3V
¾
0
¾
0.3VDD
V
IIH
High Level Input Current
3V
VIL=0V
¾¾
200
mA
IIL
Low Level Input Current
3V
VIH=3.0V
¾¾
1
mA
IMD
Operation Current at Monitor Disable
3V
fS=20MHz
¾
23
¾
mA
IMA
Supply Current at Monitor Active
3V
fS=20MHz
¾
26
¾
mA
ISS
Power Down Current
3V
¾¾
¾
10
mA
VCCDIN
Analog Input Range
3V
CCDIN input,
fIN=1MHz
¾
1.1
¾
VP-P
VADIN
3V
ADIN input,
fIN=1MHz
¾
1.0
¾
VP-P
VCLPCAP
Clamp Voltage
3V
¾
1.5
1.7
1.9
V
tBLKCAL
Black Calibration Time
3V
¾¾
¾
200
Pixel
VBLKCAL
Maximum Calibration Offset Voltage
3V
¾¾
±200
¾
mV
G (0)
CDS Gain (Set 0 dB)
3V
Absolute gain
-2
-1
0dB
G (1)
CDS Gain (Set 6.02 dB)
3V
Relative gain
5.52
6.02
6.52
dB
G (2)
CDS Gain (Set 12.04 dB)
3V
11.54
12.04
12.04
dB
G (3)
CDS Gain (Set
-1.94 dB)
3V
-2.44
-1.94
-1.44
dB
Gmin
PGA Gain (Minimum Gain)
3V
Absolute gain
-1.2
-0.2
0.8
dB
Gmax
PGA Gain (Maximum Gain)
3V
Relative gain
22.906
23.906
24.906
dB
Gstep
PGA Gain (Gain Step)
3V
0
0.047
0.094
dB
ERPA
Total (CDS+PGA) Gain Monotony
3V
¾¾
¾
±4
LSB
RES
Resolution
3V
¾¾
¾
10
Bits
DNL
Differential Nonlinearity
3V
fS=20MHz
¾±0.6
±1.0
LSB
SN
S/N
3V
¾¾
58
¾
dB
SND
S/(N+D)
3V
¾¾
56
¾
dB
VCOM
ADC Common Voltage
3V
¾
1.25
1.4
1.55
V
VRP
VRP Voltage (Positive)
3V
¾
1.55
1.65
1.75
V
VRN
VRN Voltage (Negative)
3V
¾
1.05
1.15
1.25
V
HT82V842
Rev. 1.00
3
July 15, 2004


Similar Part No. - HT82V842

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V842A HOLTEK-HT82V842A Datasheet
230Kb / 18P
   10-Bit 20MSPS CCD Analog Signal Processor
More results

Similar Description - HT82V842

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
AI4100 A1PROS-AI4100 Datasheet
1Mb / 18P
   CCD CDS/PGA/10b-20M-ADC
logo
Exar Corporation
XRD4460 EXAR-XRD4460 Datasheet
1Mb / 23P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD98L59 EXAR-XRD98L59 Datasheet
349Kb / 37P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD98L56 EXAR-XRD98L56 Datasheet
685Kb / 35P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD4460A EXAR-XRD4460A Datasheet
1Mb / 22P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD98L61 EXAR-XRD98L61 Datasheet
406Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61 EXAR-XRD98L61_01 Datasheet
396Kb / 38P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
logo
List of Unclassifed Man...
FZ800E-ADC-CDS ETC-FZ800E-ADC-CDS Datasheet
79Kb / 1P
   ADC-CDS
logo
Exar Corporation
XRD98L63 EXAR-XRD98L63 Datasheet
616Kb / 41P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD9853 EXAR-XRD9853 Datasheet
1Mb / 28P
   CCD Image Digitizers with CDS,PGA,and 10-bit A/D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com