Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM27C1652CZ Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSM27C1652CZ
Description  1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM27C1652CZ Datasheet(HTML) 1 Page - OKI electronic componets

  MSM27C1652CZ Datasheet HTML 1Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 2Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 3Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 4Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 5Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 6Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 7Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 8Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
¡
The MSM27C1652CZ is a 16Mbit electrically Programmable Read-Only Memory with page mode.
Its configuration can be electrically switched between 1,048,576 word x 16bit and 2,097,152 word x
8bit. The MSM27C1652CZ operates on a single +5V power supply and is TTL compatible. The
MSM27C1652CZ provides Page mode which can greatly reduce the read access time. Since the
MSM27C1652CZ operates asynchronously , external clocks are not required , making this device
easy-to-use. The MSM27C1652CZ is suitable as large-capacity fixed memory for microcomputers
and data terminals. It is manufactured using a CMOS double silicon gate technology and is offered
in 42-pin DIP , 44-pin SOP or 48-pin TSOP packages.
1A
MSM27C1652CZ
1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit
8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
DESCRIPTION
FEATURES
• 1,048,576 word x 16bit / 2,097,152 word x 8bit electrically switchable configuration
• Single +5V power supply
• Access time 100ns
Page mode access time 50ns
• Input / Output TTL compatible
• Three-state output
• Packages
42-pin plastic DIP (DIP42-P-600-2.54)
44-pin plastic SOP (SOP44-P-600-1.27-K)
48-pin plastic TSOP (TSOP II 48-P-550-0.80-K)
Semiconductor


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MR27V1652D1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C3252CZ2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3252D2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3255D1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V1652E1 048 576 - Word x 16-Bit or 2 097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C852CZ524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V852D524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27V3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V1602D1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn