Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM27C1652CZ Datasheet(PDF) 8 Page - OKI electronic componets

Part No. MSM27C1652CZ
Description  1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM27C1652CZ Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM27C1652CZ Datasheet HTML 4Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 5Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 6Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 7Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 8Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 9Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 10Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 11Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 12Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
A0 - A19
CE
D0 - D15
Programming Waveform
OE
BYTE/VPP
PIN Capacitance
Input
BYTE/VPP
Parameter
CIN1
Unit
12
Typ.
-
(VCC=5V, Ta=25°C, f=1MHz)
Min.
Max.
CIN2
pF
-
VI=0V
60
--
Output
COUT
15
--
VO=0V
Symbol
Condition
MSM27C1652CZ
tAS
tPW
tAH
tOES
tDFP
tDS
tDH
tOE
tVS
Program
Program Verify
DIN
DOUT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MR27V1652D 1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MSM27C3252CZ 2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MR27V3252D 2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MR27V3255D 1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MSM27C3255CZ 1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MR27V1652E 1 048 576 - Word x 16-Bit or 2 097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MSM27C852CZ 524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MR27V852D 524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MSM27V3255CZ 1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MR27V1602D 1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit One Time PROM 1  2  3  4  5  More OKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn