Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HL7851G Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HL7851G
Description  GaAlAs Laser Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HL7851G Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HL7851G Datasheet HTML 1Page - Hitachi Semiconductor HL7851G Datasheet HTML 2Page - Hitachi Semiconductor HL7851G Datasheet HTML 3Page - Hitachi Semiconductor HL7851G Datasheet HTML 4Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
173
HL7851G
GaAlAs Laser Diode
Description
The HL7851G is a high power 0.78 µm band GaAlAs laser diode with a multi-quantum well (MQW)
structure. It is suitable as a light source for optical disk memories, levelers and various other types of
optical equipment. Hermetic sealing of the package assures high reliability.
Features
• Visible light output: λp = 785 nm Typ
• Small beam ellipticity: 9.5:23
• High output power: 50 mW (CW)
• Built-in monitor photodiode


Similar Part No. - HL7851G

ManufacturerPart No.DatasheetDescription
Opnext. Inc.
Opnext. Inc.
HL7851G OPNEXT-HL7851G Datasheet
93Kb / 4P
   GaAlAs Laser Diode
More results

Similar Description - HL7851G

ManufacturerPart No.DatasheetDescription
Opnext. Inc.
Opnext. Inc.
HL8341MG OPNEXT-HL8341MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL8342MG OPNEXT-HL8342MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL8343MG OPNEXT-HL8343MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
Sony Corporation
Sony Corporation
SLD131UL SONY-SLD131UL Datasheet
127Kb / 7P
   GaAlAs Laser Diode
Opnext. Inc.
Opnext. Inc.
HL8325G OPNEXT-HL8325G Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL8334MG OPNEXT-HL8334MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL7851G OPNEXT-HL7851G Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL8337MG OPNEXT-HL8337MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL8340MG OPNEXT-HL8340MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
Sony Corporation
Sony Corporation
SLD104AV SONY-SLD104AV Datasheet
93Kb / 4P
   GaAlAs Laser Diode
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz