Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF07WBR-C Datasheet(PDF) 1 Page - Hirose Electric

Part # LF07WBR-C
Description  Miniature Waterproof Shielded Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

LF07WBR-C Datasheet(HTML) 1 Page - Hirose Electric

  LF07WBR-C Datasheet HTML 1Page - Hirose Electric LF07WBR-C Datasheet HTML 2Page - Hirose Electric LF07WBR-C Datasheet HTML 3Page - Hirose Electric LF07WBR-C Datasheet HTML 4Page - Hirose Electric LF07WBR-C Datasheet HTML 5Page - Hirose Electric LF07WBR-C Datasheet HTML 6Page - Hirose Electric LF07WBR-C Datasheet HTML 7Page - Hirose Electric LF07WBR-C Datasheet HTML 8Page - Hirose Electric LF07WBR-C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
2018.7
36.4
Receptacle
Plug
8.9 mm max. (3 pos.)
Miniature Waterproof Shielded Connectors
LF Series
Fig. 1
■Features
1. Ease of shielded termination and
connector assembly
All components are self-aligning and do not require
complex assembly tooling. The shield of the cable is
connected with the metal housing of the connector
using simple shielding clamp, supplied with the
connector. (Fig. 2)
2. Water and dust protected
The LF series is a rugged, waterproof connector
series that is IP67 and IP68 rated in the mated
condition.
IP67 : Left in water at a depth of 1 m for 30 minutes
IP68 : Left in water at a depth of 2 m for 14 days
3. Simplified assembly procedure
No use of screws makes wiring and mounting easier.
4. Bayonet lock
Short turn bayonet lock assures secure vibration
resistant mating of the connectors. (Fig. 3)
5. Acquired safety standard
4 pos. is 10A and meets safety standards (TÜV)
Also 3- and 4-pos. have acquired the UL standard.
6. High current rating capacity
Mated dimensions (Example : LF07)
No. of contacts
3
4
6, 12 and 20
11
Current rating
5A max.
10A max.
2A max.
10A max.
2A max.
Built-in shield
connection spring
Cable shielding connection clamp
Cable
Shielding Connection - Plug
Fig. 2
Mating:
Insert the plug, and then turn the locking collar clockwise,
as indicated by the coupling direction marking.
Mating:
Insert the plug, and then turn the locking collar clockwise,
as indicated by the coupling direction marking.
Plug
Plug
Locking collar
Locking collar
Receptacle
Receptacle
Un-mating:
Turn the locking collar counter-clockwise
then pull off the plug.
Coupling direction marking
Coupling direction marking
Coupling direction marking
Coupling direction marking
2
1
1
2
Short turn bayonet lock
Fig. 3
In cases where the application will demand a high level of reliability, such as automotive,
please contact a company representative for further information.


Similar Part No. - LF07WBR-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF07WBR-3P ETC2-LF07WBR-3P Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
LF07WBR-3S ETC2-LF07WBR-3S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
LF07WBR-6P ETC2-LF07WBR-6P Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
LF07WBR-6S ETC2-LF07WBR-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
More results

Similar Description - LF07WBR-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com