Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GL-2060C Datasheet(PDF) 1 Page - Kemet Corporation

Part No. GL-2060C
Description  KEMET, GL-C, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 6 A
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

GL-2060C Datasheet(HTML) 1 Page - Kemet Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: GL-2060C
KEMET, GL-C, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 6 A
Dimensions
L
67mm NOM
W
52mm NOM
H
26mm NOM
Packaging Specifications
Weight: 55 g
General Information
Series: GL-C
Style: Inlet
Description: Noise Filters
Features: Inlet Type
RoHS: Yes
Qualifications: UL, CSA, TUV, VDE
Miscellaneous: 30 K Self-Temperature Rise Max
Specifications
Voltage AC: 250 VAC
Ripple Current: 6 A (AC/DC)
Temperature Range: -25/+55C
Voltage:
250 VDC, 1500 VAC
Withstanding Voltage 1 Min. Line
to Ground
Leakage Current: 500 uA MAX (250 V 60 Hz)
Resistance: 300 MOhms MIN Insulation 500
VDC 1 Min. Line To Ground
© 2006 - 2018 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 12/27/2018 - 8cf620ef-5140-4add-9aeb-7963fd9aaea3


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn