Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100036 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 100036
Description  QUINT-PS-3x400-500AC/24DC/40
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

100036 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 100036 Datasheet HTML 3Page - PHOENIX CONTACT 100036 Datasheet HTML 4Page - PHOENIX CONTACT 100036 Datasheet HTML 5Page - PHOENIX CONTACT 100036 Datasheet HTML 6Page - PHOENIX CONTACT 100036 Datasheet HTML 7Page - PHOENIX CONTACT 100036 Datasheet HTML 8Page - PHOENIX CONTACT 100036 Datasheet HTML 9Page - PHOENIX CONTACT 100036 Datasheet HTML 10Page - PHOENIX CONTACT 100036 Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
QUINT-PS-3x400-500AC/24DC/40
100036_04_en
PHOENIX CONTACT
7
Narrow Mounting Position
Figure 6
Narrow mounting position
A narrow mounting position can be achieved by mounting
the module onto the DIN rail at a 90° angle. Mount the
DIN rail adapter (UTA 107) as shown in Figure 6.
No additional assembly material is required.
Mounting screws: Torx T10 (torque 0.8...0.9 Nm).
Connection of Various Types of Network: 3 x 400...500 V AC Networks
Figure 7 illustrates the connection of various types of
network. In the event of a phase failure, continuous
operation is ensured with nominal power.
Figure 7
3 x 400...500 V AC networks
+ -
+ -
+ -
+ -
L1
L2
L3
N
PE
L1
L2
L3
PEN
L1
L2
L3
N
L1
L2
L3
L1
PE
L2 L3
L1 L2 L3 PE
L1 L2 L3 PE
L1
L2 L3 PE
TN-S
TN-C
TT
iT


Similar Part No. - 100036

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1000360001 WEIDMULLER-1000360001 Datasheet
77Kb / 3P
   BLF 5.08/16/90F SN BK BX
logo
AVX Corporation
1000366-01 AVX-1000366-01 Datasheet
1,006Kb / 7P
   Wi-Fi/BT Single Band Stamped Metal Embedded Antenna
9/27/2021
More results

Similar Description - 100036

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
100033 PHOENIX-100033 Datasheet
717Kb / 11P
   QUINT-PS-3x400-500AC/24DC/10
2938633 PHOENIX-2938633 Datasheet
767Kb / 11P
   QUINT-PS-3x400-500AC/24DC/30
100034 PHOENIX-100034 Datasheet
800Kb / 11P
   QUINT-PS-3x400-500AC/24DC/20
2938594 PHOENIX-2938594 Datasheet
150Kb / 7P
   QUINT-PS-3X400-500AC/24DC/ 5
2938646 PHOENIX-2938646 Datasheet
92Kb / 7P
   Power supply unit - QUINT-PS-3X400-500AC/24DC/40
11/05/2018
2938617 PHOENIX-2938617 Datasheet
92Kb / 7P
   Power supply unit - QUINT-PS-3X400-500AC/24DC/10
11/05/2018
2938727 PHOENIX-2938727 Datasheet
92Kb / 7P
   Power supply unit - QUINT-PS-3X400-500AC/24DC/20
11/05/2018
2938219 PHOENIX-2938219 Datasheet
323Kb / 10P
   QUINT-PS-3x400-500AC/48DC/10
2938222 PHOENIX-2938222 Datasheet
82Kb / 6P
   Power supply unit - QUINT-PS-3X400-500AC/48DC/20
2866802 PHOENIX-2866802 Datasheet
511Kb / 20P
   QUINT-PS/3AC/24DC/40
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com