Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100036 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 100036
Description  QUINT-PS-3x400-500AC/24DC/40
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

100036 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  100036 Datasheet HTML 1Page - PHOENIX CONTACT 100036 Datasheet HTML 2Page - PHOENIX CONTACT 100036 Datasheet HTML 3Page - PHOENIX CONTACT 100036 Datasheet HTML 4Page - PHOENIX CONTACT 100036 Datasheet HTML 5Page - PHOENIX CONTACT 100036 Datasheet HTML 6Page - PHOENIX CONTACT 100036 Datasheet HTML 7Page - PHOENIX CONTACT 100036 Datasheet HTML 8Page - PHOENIX CONTACT 100036 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
QUINT-PS-3x400-500AC/24DC/40
100036_04_en
PHOENIX CONTACT
5
Safety Notes and Warning Instructions
To ensure that the device can be operated safely and all
functions can be used, please read these instructions
carefully.
Installation
Figure 3
Convection
The power supply unit can be snapped onto all DIN rails
according to EN 60715 and must be mounted horizontally
(connection terminal blocks facing downwards).
Danger
The device contains dangerous live elements
and high levels of stored energy.
Never carry out work when the power is turned
on.
Risk of burns
The housing temperature can reach high
values depending on the ambient temperature
and the load of the device.
QUINT POWER is a built-in device. Installation
and startup must only be carried out by
qualified personnel. The relevant country-
specific regulations (e.g., VDE, DIN) must also
be observed.
Before startup please ensure:
The mains has been connected correctly
and protection is provided against electric
shock.
The device can be switched off outside the
power supply according to EN 60950
regulations (e.g., by the line protection on
the primary side).
The protective conductor is connected.
All supply lines have sufficient fuse
protection and are the correct size.
All output cables are the correct size for
the maximum device output current or
have separate fuse protection.
Sufficient convection is ensured.
Risk of burns
The housing temperature can reach high
values depending on the ambient temperature
and the load of the device.
To ensure sufficient convection, the following
minimum spacing is required between other
modules:
5 cm above and below the device.
No minimum spacing to other modules at the
sides is required for proper operation of the
device.


Similar Part No. - 100036

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1000360001 WEIDMULLER-1000360001 Datasheet
77Kb / 3P
   BLF 5.08/16/90F SN BK BX
logo
AVX Corporation
1000366-01 AVX-1000366-01 Datasheet
1,006Kb / 7P
   Wi-Fi/BT Single Band Stamped Metal Embedded Antenna
9/27/2021
More results

Similar Description - 100036

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
100033 PHOENIX-100033 Datasheet
717Kb / 11P
   QUINT-PS-3x400-500AC/24DC/10
2938633 PHOENIX-2938633 Datasheet
767Kb / 11P
   QUINT-PS-3x400-500AC/24DC/30
100034 PHOENIX-100034 Datasheet
800Kb / 11P
   QUINT-PS-3x400-500AC/24DC/20
2938594 PHOENIX-2938594 Datasheet
150Kb / 7P
   QUINT-PS-3X400-500AC/24DC/ 5
2938646 PHOENIX-2938646 Datasheet
92Kb / 7P
   Power supply unit - QUINT-PS-3X400-500AC/24DC/40
11/05/2018
2938617 PHOENIX-2938617 Datasheet
92Kb / 7P
   Power supply unit - QUINT-PS-3X400-500AC/24DC/10
11/05/2018
2938727 PHOENIX-2938727 Datasheet
92Kb / 7P
   Power supply unit - QUINT-PS-3X400-500AC/24DC/20
11/05/2018
2938219 PHOENIX-2938219 Datasheet
323Kb / 10P
   QUINT-PS-3x400-500AC/48DC/10
2938222 PHOENIX-2938222 Datasheet
82Kb / 6P
   Power supply unit - QUINT-PS-3X400-500AC/48DC/20
2866802 PHOENIX-2866802 Datasheet
511Kb / 20P
   QUINT-PS/3AC/24DC/40
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com